Electronic Components Datasheet Search
  English  ▼

X  

THS1206IDA Datasheet(PDF) 35 Page - Texas Instruments

Part # THS1206IDA
Description  12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG- TO-DIGITAL CONVERTERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS1206IDA Datasheet(HTML) 35 Page - Texas Instruments

Back Button THS1206IDA Datasheet HTML 31Page - Texas Instruments THS1206IDA Datasheet HTML 32Page - Texas Instruments THS1206IDA Datasheet HTML 33Page - Texas Instruments THS1206IDA Datasheet HTML 34Page - Texas Instruments THS1206IDA Datasheet HTML 35Page - Texas Instruments THS1206IDA Datasheet HTML 36Page - Texas Instruments THS1206IDA Datasheet HTML 37Page - Texas Instruments THS1206IDA Datasheet HTML 38Page - Texas Instruments THS1206IDA Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
THS1206
SLAS217H – MAY 1999 – REVISED JULY 2003#
www.ti.com
35
A differential operation is desired for many applications. Figure 41 shows a simplified model for the analog inputs AINM
and AINP, which are configured for differential operation. This configuration has a few advantages, which are discussed
in the following paragraphs.
12-Bit
ADC
VREFP
VREFM
AINP
Σ
VADC
AINM
+
–
Figure 41. Differential Input Stage
In comparison to the single-ended configuration it can be seen that the voltage, VADC, which is applied at the input of the
ADC is the difference between the input AINP and AINM. This means that VREFM defines the minimum voltage (VADC)
which can be applied to the ADC. VREFP defines the maximum voltage (VADC), which can be applied to the ADC. The
voltage VADC can be calculated as follows:
V
ADC +
ABS(AINP–AINM)
An advantage to single-ended operation is that the common-mode voltage
V
CM +
AINM
) AINP
2
can be rejected in the differential configuration, if the following condition for the analog input voltages is true:
AGND
v AINM, AINP v AV
DD
1V
v V
CM v
4V
In addition to the common-mode voltage rejection, the differential operation allows a dc-offset rejection which is common
to both analog inputs. See also Figure 45.
SINGLE-ENDED MODE OF OPERATION
The THS1206 can be configured for single-ended operation using dc- or ac-coupling. In either case, the input of the
THS1206 must be driven from an operational amplifier that does not degrade the ADC performance. Because the THS1206
operates from a 5-V single supply, it is necessary to level-shift ground-based bipolar signals to comply with its input
requirements. This can be achieved with dc- and ac-coupling. An application example is shown for dc-coupled level shifting
in the following section, dc-coupling.
(2)
(3)
(4)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com