Electronic Components Datasheet Search
  English  ▼

X  

THS1206IDA Datasheet(PDF) 4 Page - Texas Instruments

Part # THS1206IDA
Description  12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG- TO-DIGITAL CONVERTERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS1206IDA Datasheet(HTML) 4 Page - Texas Instruments

  THS1206IDA Datasheet HTML 1Page - Texas Instruments THS1206IDA Datasheet HTML 2Page - Texas Instruments THS1206IDA Datasheet HTML 3Page - Texas Instruments THS1206IDA Datasheet HTML 4Page - Texas Instruments THS1206IDA Datasheet HTML 5Page - Texas Instruments THS1206IDA Datasheet HTML 6Page - Texas Instruments THS1206IDA Datasheet HTML 7Page - Texas Instruments THS1206IDA Datasheet HTML 8Page - Texas Instruments THS1206IDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
THS1206
SLAS217H – MAY 1999 – REVISED JULY 2003#
www.ti.com
4
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, VREF = internal (unless otherwise noted)
DIGITAL SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital inputs
IIH
High-level input current
DVDD = digital inputs
–50
50
µA
IIL
Low-level input current
Digital input = 0 V
–50
50
µA
Ci
Input capacitance
5
pF
Digital outputs
VOH
High level output voltage
BVDD–0.5
V
VOH
High-level output voltage
IOH = 50 µA
BVDD = 3.3 V,
BVDD–0.5
V
VOL
Low level output voltage
IOH = –50 µA
BVDD 3.3 V,
BVDD = 5 V
0.4
V
VOL
Low-level output voltage
0.4
V
IOZ
High-impedance-state output current
CS1 = DGND,
CS0 = DVDD
–10
10
µA
CO
Output capacitance
5
pF
CL
Load capacitance at databus D0 – D11
30
pF
DC SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
Bits
Accuracy
Integral nonlinearity INL
C and I suffix
±1.5
LSB
Integral nonlinearity, INL
Q and M suffix
±1.8
LSB
Differential nonlinearity, DNL
±1
LSB
Offset error
After calibration in single-ended mode
20
LSB
Offset error
After calibration in differential mode
–20
20
LSB
Gain error
–20
20
LSB
Analog input
Input capacitance
15
pF
Input leakage current
VAIN = VREFM to VREFP
±10
µA
Internal voltage reference
Accuracy VREFP
C and I suffix
3.3
3.5
3.7
V
Accuracy, VREFP
Q and M suffix
3.3
3.5
3.7
V
Accuracy VREFM
C and I suffix
1.4
1.5
1.6
V
Accuracy, VREFM
Q and M suffix
1.3
1.5
1.7
V
Temperature coefficient
50
PPM/
°C
Reference noise
100
µV
Accuracy REFOUT
C and I suffix
2.475
2.5
2.525
V
Accuracy, REFOUT
Q and M suffix
2.3
2.5
2.7
V
Power supply
IDDA
Analog supply current
AVDD = 5 V, DVDD = BVDD =3.3 V
36
40
mA
IDDD
Digital supply current
AVDD = 5 V, DVDD = BVDD =3.3 V
0.5
1
mA
IDDB
Buffer supply current
AVDD = 5 V, DVDD = BVDD =3.3 V
1.5
4
mA
IDD P
Supply current in power down mode
AVDD = 5 V,
C and I suffix
7
mA
IDD_P
Supply current in power-down mode
AVDD 5 V,
BVDD = DVDD = 3.3 V
Q and M suffix
10
mA
Power dissipation
AVDD = 5 V, DVDD = BVDD = 3.3 V
186
216
mW
Power dissipation in power down
AVDD = 5 V, DVDD = BVDD = 3.3 V
30
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com