Electronic Components Datasheet Search
  English  ▼

X  

THS1206M Datasheet(PDF) 21 Page - Texas Instruments

Part # THS1206M
Description  12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG- TO-DIGITAL CONVERTERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS1206M Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS1206M Datasheet HTML 17Page - Texas Instruments THS1206M Datasheet HTML 18Page - Texas Instruments THS1206M Datasheet HTML 19Page - Texas Instruments THS1206M Datasheet HTML 20Page - Texas Instruments THS1206M Datasheet HTML 21Page - Texas Instruments THS1206M Datasheet HTML 22Page - Texas Instruments THS1206M Datasheet HTML 23Page - Texas Instruments THS1206M Datasheet HTML 24Page - Texas Instruments THS1206M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
THS1206
SLAS217H – MAY 1999 – REVISED JULY 2003#
www.ti.com
21
FIFO DESCRIPTION
In order to facilitate an efficient connection to today’s processors, the THS1206 is supplied with a FIFO. This integrated
FIFO enables a problem-free processing of data with today’s processors. The FIFO is provided as a flexible circular buffer.
The circular buffer integrated in the THS1206 can store up to 16 conversion values. Therefore, the amount of interrupts
to be served by a processor can be reduced significantly.
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
Read Pointer
Trigger Pointer
Write Pointer
Data in FIFO
Free
Figure 29. Circular Buffer
The converted data of the THS1206 is automatically written into the FIFO. To control the writing and reading process, a
write pointer, a read pointer and a trigger pointer are used. The read pointer always shows the location which is read next.
The write pointer indicates the location which contains the last written sample. With a selection of multiple analog input
channels, the converted values are written in a predefined sequence to the circular buffer (autoscan mode). In this way,
the channel information for the reading processor is continually maintained.
The FIFO can be programmed through the control register of the ADC. The user has the ability to select a specific trigger
level according to Table 13 in order to choose the configuration which best fits the application. The FIFO provides the signal
DATA_AV, which signals the processor to read the amount of data equal to the trigger level selected in Table 13. The signal
DATA_AV becomes active when the trigger condition is satisfied. The trigger condition is satisfied when as many values
as selected for the trigger level are written into the FIFO.
The signal DATA_AV could be connected to an interrupt input of a processor. In every interrupt service routine call, the
processor must read the amount of data equal to the trigger level from the ADC. The first data represents the first channel
according to the autoscan mode, which is shown in Table 10. The channel information is therefore always maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com