Electronic Components Datasheet Search
  English  ▼

X  

THS1206M Datasheet(PDF) 36 Page - Texas Instruments

Part # THS1206M
Description  12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG- TO-DIGITAL CONVERTERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS1206M Datasheet(HTML) 36 Page - Texas Instruments

Back Button THS1206M Datasheet HTML 32Page - Texas Instruments THS1206M Datasheet HTML 33Page - Texas Instruments THS1206M Datasheet HTML 34Page - Texas Instruments THS1206M Datasheet HTML 35Page - Texas Instruments THS1206M Datasheet HTML 36Page - Texas Instruments THS1206M Datasheet HTML 37Page - Texas Instruments THS1206M Datasheet HTML 38Page - Texas Instruments THS1206M Datasheet HTML 39Page - Texas Instruments THS1206M Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
THS1206
SLAS217H – MAY 1999 – REVISED JULY 2003#
www.ti.com
36
DC COUPLING
An operational amplifier can be configured to shift the signal level according to the analog input voltage range of the
THS1206. The analog input voltage range of the THS1206 goes from 1.5 V to 3.5 V. An op-amp specified for 5-V single
supply can be used as shown in Figure 42.
Figure 42 shows an application example where the analog input signal in the range from –1 V up to 1 V is shifted by an
op-amp to the analog input range of the THS1206 (1.5 V to 3.5 V). The op-amp is configured as an inverting amplifier with
a gain of –1. The required dc voltage of 1.25 V at the noninverting input is derived from the 2.5-V output reference REFOUT
of the THS1206 by using a resistor divider. Therefore, the op-amp output voltage is centered at 2.5 V. The use of ratio
matched, thin-film resistor networks minimizes gain and offset errors.
_
+
5 V
R
R
RS
3.5 V
2.5 V
1.5 V
THS1206
AINP
REFOUT
R
R
1.25 V
1 V
0 V
–1 V
REFIN
Figure 42. Level-Shift for DC-Coupled Input
DIFFERENTIAL MODE OF OPERATION
For the differential mode of operation, a conversion from single-ended to differential is required. A conversion to differential
signals can be achieved by using an RF-transformer, which provides a center tap. Best performance is achieved in
differential mode.
THS1206
AINP
AINM
REFOUT
C
C
R
R
200
Ω
49.9
Ω
Mini Circuits
T4–1
Figure 43. Transformer Coupled Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com