Electronic Components Datasheet Search
  English  ▼

X  

THS6002 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS6002
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002 Datasheet(HTML) 2 Page - Texas Instruments

  THS6002 Datasheet HTML 1Page - Texas Instruments THS6002 Datasheet HTML 2Page - Texas Instruments THS6002 Datasheet HTML 3Page - Texas Instruments THS6002 Datasheet HTML 4Page - Texas Instruments THS6002 Datasheet HTML 5Page - Texas Instruments THS6002 Datasheet HTML 6Page - Texas Instruments THS6002 Datasheet HTML 7Page - Texas Instruments THS6002 Datasheet HTML 8Page - Texas Instruments THS6002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
_
+
Driver 1
Driver 2
_
+
3
4
5
17
16
2
1
18
19
20
VCC+
VCC+
VCC–
VCC–
1OUT
2OUT
1IN+
1IN–
2IN+
2IN–
THS6012
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Table 1. AVAILABLE OPTIONS
PACKAGED DEVICE
PowerPAD PLASTIC
TA
MicroStar Junior
EVALUATION
SMALL OUTLINE(1)
(GQE)
MODULE
(DWP)
0°C to 70°C
THS6012CDWP
THS6012CGQE
THS6012EVM
-40°C to 85°C
THS6012IDWP
THS6012IGQE
—
(1)
The PWP packages are available taped and reeled. Add an R suffix to the device type (i.e.,
THS6012CPWPR)
FUNCTIONAL BLOCK DIAGRAM
2
Copyright © 1998–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com