Electronic Components Datasheet Search
  English  ▼

X  

THS6002 Datasheet(PDF) 12 Page - Texas Instruments

Part # THS6002
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS6002 Datasheet HTML 8Page - Texas Instruments THS6002 Datasheet HTML 9Page - Texas Instruments THS6002 Datasheet HTML 10Page - Texas Instruments THS6002 Datasheet HTML 11Page - Texas Instruments THS6002 Datasheet HTML 12Page - Texas Instruments THS6002 Datasheet HTML 13Page - Texas Instruments THS6002 Datasheet HTML 14Page - Texas Instruments THS6002 Datasheet HTML 15Page - Texas Instruments THS6002 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
1M
f − Frequency − Hz
100k
10M
100M
VCC = ±15 V
RF = 1 kΩ
Gain = 2
VI = 200 mV
500M
−3
−5
−7
−9
−4
−6
−8
−1
0
−2
1
RL = 200 Ω
RL = 100 Ω
RL = 50 Ω
RL = 25 Ω
1M
f − Frequency − Hz
100k
10M
100M
VCC = ±15 V
RL = 100 Ω
Gain = 1
VI = 200 mV
500M
−1
−3
−5
−7
−2
−4
−6
1
2
0
3
RF = 620 Ω
RF = 820 Ω
RF = 1 kΩ
f − Frequency − Hz
−10
10M
100k
20
30
500M
40
70
1M
100M
50
60
Gain = 1000
0
10
VCC = ± 5 V
RG =10 Ω
RL = 25 Ω
VO = 2 V
Gain = 100
1M
f − Frequency − Hz
100k
10M
100M
500M
−3
−5
−7
−9
−4
−6
−8
−1
0
−2
1
RL = 200 Ω
RL = 100 Ω
RL = 25 Ω
VCC = ±15 V
RF = 1 kΩ
Gain = 1
VI = 200 mV
RL = 50 Ω
THS6012
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
www.ti.com
OUTPUT AMPLITUDE
NORMALIZED OUTPUT RESPONSE
vs
vs
FREQUENCY
FREQUENCY
Figure 21.
Figure 22.
NORMALILZED OUTPUT RESPONSE
NORMALIZFED OUTPUT RESPONSE
vs
vs
FREQUENCY
FREQUENCY
Figure 23.
Figure 24.
12
Copyright © 1998–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com