Electronic Components Datasheet Search
  English  ▼

X  

THS6002 Datasheet(PDF) 24 Page - Texas Instruments

Part # THS6002
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002 Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS6002 Datasheet HTML 20Page - Texas Instruments THS6002 Datasheet HTML 21Page - Texas Instruments THS6002 Datasheet HTML 22Page - Texas Instruments THS6002 Datasheet HTML 23Page - Texas Instruments THS6002 Datasheet HTML 24Page - Texas Instruments THS6002 Datasheet HTML 25Page - Texas Instruments THS6002 Datasheet HTML 26Page - Texas Instruments THS6002 Datasheet HTML 27Page - Texas Instruments THS6002 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
P
D +
T
MAX
–T
A
q
JA
Where:
PD
= Maximum power dissipation of THS6012 (watts)
TMAX = Absolute maximum junction temperature (150°C)
TA
= Free-ambient air temperature (
°C)
θJA = θJC + θCA
θJC = Thermal coefficient from junction to case (0.37°C/W)
θCA = Thermal coefficient from case to ambient
0.1025
0.080
0.178
0.026
0.024
0.021
0.0165
0.450
0.476
.039
0.026
0.120
0.085
PowerPAD and via placement
pad area (0.085 x 0.120) with 15
vias (Via diameter = 0.013)
Vias should go through the board connecting the top layer
PowerPad to any and all ground planes. (The larger the ground
plane, the larger the area to distribute the heat.) Solder resist should
be used on the bottom side ground plane in order to prevent wicking
of the solder through the vias during the reflow process.
All Units in Inches
THS6012
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
www.ti.com
reflow operation as any standard surface-mount component. This results in a part that is properly installed.
Figure 45. PowerPAD PCB Etch and Via Pattern
The actual thermal performance achieved with the THS6012 in its PowerPAD package depends on the
application. In the previous example, if the size of the internal ground plane is approximately 3 inches × 3 inches,
then the expected thermal coefficient,
ΘJA, is about 21.5°C/W. For a givenΘ JA, the maximum power dissipation
is shown in Figure 46 and is calculated by the following formula:
More complete details of the PowerPAD installation process and thermal management techniques can be found
in the Texas Instruments Technical Brief, PowerPAD Thermally Enhanced Package. This document can be found
at the TI web site (www.ti.com) by searching on the key word PowerPAD. The document can also be ordered
through your local TI sales office. Refer to literature number SLMA002 when ordering.
24
Copyright © 1998–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com