Electronic Components Datasheet Search
  English  ▼

X  

X24645FS Datasheet(PDF) 12 Page - IC MICROSYSTEMS

Part # X24645FS
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24645FS Datasheet(HTML) 12 Page - IC MICROSYSTEMS

Back Button X24645FS Datasheet HTML 8Page - IC MICROSYSTEMS X24645FS Datasheet HTML 9Page - IC MICROSYSTEMS X24645FS Datasheet HTML 10Page - IC MICROSYSTEMS X24645FS Datasheet HTML 11Page - IC MICROSYSTEMS X24645FS Datasheet HTML 12Page - IC MICROSYSTEMS X24645FS Datasheet HTML 13Page - IC MICROSYSTEMS X24645FS Datasheet HTML 14Page - IC MICROSYSTEMS X24645FS Datasheet HTML 15Page - IC MICROSYSTEMS X24645FS Datasheet HTML 16Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
X24645
12
A.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.) Read
& Write Cycle Limits
2783 FRM T09.2
POWER-UP TIMING
(4)
2783 FRM T10
Notes: (4)tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters are periodically
sampled and not 100% tested.
Symbol
Parameter
Min.
Max.
Units
fSCL
SCL Clock Frequency
0
100
KHz
TI
Noise Suppression Time
Constant at SCL, SDA Inputs
100
ns
tAA
SCL LOW to SDA Data Out Valid
0.3
3.5
∝
s
tBUF
Time the Bus Must Be Free Before a
New Transmission Can Start
4.7
∝
s
tHD:STA
Start Condition Hold Time
4
∝
s
tLOW
Clock LOW Period
4.7
∝
s
tHIGH
Clock HIGH Period
4
∝
s
tSU:STA
Start Condition Setup Time
(for
a Repeated Start Condition)
4.7
∝
s
tHD:DAT
Data In Hold Time
0
∝
s
tSU:DAT
Data In Setup Time
250
ns
tR
SDA and SCL Rise Time
1
∝
s
tF
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
4.7
∝
s
tDH
Data Out Hold Time
300
ns
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
5
ms
A.C. CONDITIONS OF TEST
2783 FRM T08
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
VCC X 0.5
EQUIVALENT A.C. LOAD CIRCUIT
2783 ILL F16.1
5V
1.53KΟ
100pF
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com