Electronic Components Datasheet Search
  English  ▼

X  

X24645FS Datasheet(PDF) 6 Page - IC MICROSYSTEMS

Part # X24645FS
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24645FS Datasheet(HTML) 6 Page - IC MICROSYSTEMS

Back Button X24645FS Datasheet HTML 2Page - IC MICROSYSTEMS X24645FS Datasheet HTML 3Page - IC MICROSYSTEMS X24645FS Datasheet HTML 4Page - IC MICROSYSTEMS X24645FS Datasheet HTML 5Page - IC MICROSYSTEMS X24645FS Datasheet HTML 6Page - IC MICROSYSTEMS X24645FS Datasheet HTML 7Page - IC MICROSYSTEMS X24645FS Datasheet HTML 8Page - IC MICROSYSTEMS X24645FS Datasheet HTML 9Page - IC MICROSYSTEMS X24645FS Datasheet HTML 10Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
X24645
6
Figure 6. Page Write
Page Write
The X24645 is capable of a 32-byte page write operation.
It is initiated in the same manner as the byte write
operation, but instead of terminating the write cycle after
the first data word is transferred, the master can
transmit up to thirty-one more bytes. After the receipt of
each byte, the X24645 will respond with an acknowledge.
After the receipt of each byte, the five low order
address bits are internally incremented by one. The high
order eight bits of the address remain constant. If the
master should transmit more than 32 bytes prior to gen-
erating the stop condition, the address counter will “roll
over” and the previously written data will be overwritten
As with the byte write operation, all inputs are disabled
until completion of the internal write cycle. Refer to
Figure 6 for the address, acknowledge, and data
transfer sequence.
Acknowledge Polling
The Max Write Cycle Time can be significantly reduced
using Acknowledge Polling. To initiate Acknowledge
Polling, the master issues a start condition followed by the
Slave Address Byte for a write or read operation. If
the device is still busy with the high voltage cycle, then no
ACK will be returned. If the device has completed
the write operation, an ACK will be returned and the
host can then proceed with the read or write operation.
Refer to Flow 1.
Flow 1. ACK Polling Sequence
2783 ILL F09
WRITE OPERATION
COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS AND R/W = 0
ACK
RETURNED?
NEXT
OPERATION
A WRITE?
ISSUE BYTE
ADDRESS
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24645
S
T
A
R
T
SLAVE
ADDRESS
S
S
T
O
P
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
BYTE ADDRESS (n)
DATA n
DATA n+1
DATA n+31
2783 ILL F10.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com