Electronic Components Datasheet Search
  English  ▼

X  

X24645FS Datasheet(PDF) 15 Page - IC MICROSYSTEMS

Part # X24645FS
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24645FS Datasheet(HTML) 15 Page - IC MICROSYSTEMS

Back Button X24645FS Datasheet HTML 10Page - IC MICROSYSTEMS X24645FS Datasheet HTML 11Page - IC MICROSYSTEMS X24645FS Datasheet HTML 12Page - IC MICROSYSTEMS X24645FS Datasheet HTML 13Page - IC MICROSYSTEMS X24645FS Datasheet HTML 14Page - IC MICROSYSTEMS X24645FS Datasheet HTML 15Page - IC MICROSYSTEMS X24645FS Datasheet HTML 16Page - IC MICROSYSTEMS X24645FS Datasheet HTML 17Page - IC MICROSYSTEMS X24645FS Datasheet HTML 18Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
X24645
15
PACKAGING INFORMATION
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.20)
0.014 (0.35)
0.019 (0.49)
PIN 1
PIN 1 INDEX
0.010 (0.25)
0.020 (0.50)
0.050 (1.27)
0.188 (4.78)
0.197 (5.00)
0.004 (0.19)
0.010 (0.25)
0.053 (1.35)
0.069 (1.75)
(4X) 7°
0.016 (0.410)
0.037 (0.937)
0.0075 (0.19)
0.010 (0.25)
0° – 8°
X 45°
3926 FHD F22.1
8-LEAD PLASTIC SMALL OUTLINE GULL WING PACKAGE TYPE S
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.250"
0.050" TYPICAL
0.050"
TYPICAL
0.030"
TYPICAL
8 PLACES
FOOTPRINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com