Electronic Components Datasheet Search
  English  ▼

X  

TL1454ACD Datasheet(PDF) 3 Page - Texas Instruments

Part # TL1454ACD
Description  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1454ACD Datasheet(HTML) 3 Page - Texas Instruments

  TL1454ACD Datasheet HTML 1Page - Texas Instruments TL1454ACD Datasheet HTML 2Page - Texas Instruments TL1454ACD Datasheet HTML 3Page - Texas Instruments TL1454ACD Datasheet HTML 4Page - Texas Instruments TL1454ACD Datasheet HTML 5Page - Texas Instruments TL1454ACD Datasheet HTML 6Page - Texas Instruments TL1454ACD Datasheet HTML 7Page - Texas Instruments TL1454ACD Datasheet HTML 8Page - Texas Instruments TL1454ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TL1454A, TL1454AY
DUALCHANNEL PULSEWIDTHMODULATION (PWM)
CONTROL CIRCUIT
SLVS423 A− MAY 2002 − REVISED SEPTEMBER 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL1454AY chip information
This device, when properly assembled, displays characteristics similar to the TL1454AC. Thermal compression
or ultrasonic bonding may be used on the doped aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
TL1454AY
(2)
(14)
(1)
(3)
(4)
(5)
(6)
(7)
(8)
(16)
(13)
(12)
(11)
(10)
(9)
REF
DTC2
IN2+
IN2 −
COMP2
VCC
OUT2
OUT1
COMP1
IN1−
IN1 +
RT
CT
GND
86
108
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(10)
(11)
(12)
(13)
(14)
(15)
(16)
(8)
(9)
(15)
SCP
DTC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com