Electronic Components Datasheet Search
  English  ▼

X  

TL1454ACD Datasheet(PDF) 4 Page - Texas Instruments

Part # TL1454ACD
Description  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1454ACD Datasheet(HTML) 4 Page - Texas Instruments

  TL1454ACD Datasheet HTML 1Page - Texas Instruments TL1454ACD Datasheet HTML 2Page - Texas Instruments TL1454ACD Datasheet HTML 3Page - Texas Instruments TL1454ACD Datasheet HTML 4Page - Texas Instruments TL1454ACD Datasheet HTML 5Page - Texas Instruments TL1454ACD Datasheet HTML 6Page - Texas Instruments TL1454ACD Datasheet HTML 7Page - Texas Instruments TL1454ACD Datasheet HTML 8Page - Texas Instruments TL1454ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TL1454A, TL1454AY
DUALCHANNEL PULSEWIDTHMODULATION (PWM)
CONTROL CIRCUIT
SLVS423 A− MAY 2002 − REVISED SEPTEMBER 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
theory of operation
reference voltage
A linear regulator operating from VCC generates a 2.5-V supply for the internal circuits and the 1.26-V reference,
which can source a maximum of 1 mA for external loads. A small ceramic capacitor (0.047
µF to 0.1 µF) between
REF and ground is recommended to minimize noise pickup.
error amplifier
The error amplifier generates the error signal used by the PWM to adjust the power-switch duty cycle for the
desired converter output voltage. The signal is generated by comparing a sample of the output voltage to the
voltage reference and amplifying the difference. An external resistive divider connected between the converter
output and ground, as shown in Figure 1, is generally required to obtain the output voltage sample.
The amplifier output is brought out on COMP to allow the frequency response of the amplifier to be shaped with
an external RC network to stabilize the feedback loop of the converter. DC loading on the COMP output is limited
to 45
µA (the maximum amplifier source current capability).
Figure 1 illustrates the sense-divider network and error-amplifier connections for converters with positive output
voltages. The divider network is connected to the noninverting amplifier input because the PWM has a phase
inversion; the duty cycle decreases as the error-amplifier output increases.
_
+
IN −
IN +
R3
R1
R2
COMP
To PWM
VO
Compensation
Network
REF
Converter
Output
TL1454A
Figure 1. Sense Divider/Error Amplifier
Configuration for Converters with Positive Outputs
The output voltage is given by:
V
O +
V
ref
1
) R1
R2
where Vref = 1.26 V.
The dc source resistance of the error-amplifier inputs should be 10 k
Ω or less and approximately matched to
minimize output voltage errors caused by the input-bias current. A simple procedure for determining appropriate
values for the resistors is to choose a convenient value for R3 (10 k
Ω or less) and calculate R1 and R2 using:
R
1 +
R
3
V
O
V
O
–V
ref
R
2 +
R
3
V
O
V
ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com