Electronic Components Datasheet Search
  English  ▼

X  

TL1454ACD Datasheet(PDF) 1 Page - Texas Instruments

Part # TL1454ACD
Description  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1454ACD Datasheet(HTML) 1 Page - Texas Instruments

  TL1454ACD Datasheet HTML 1Page - Texas Instruments TL1454ACD Datasheet HTML 2Page - Texas Instruments TL1454ACD Datasheet HTML 3Page - Texas Instruments TL1454ACD Datasheet HTML 4Page - Texas Instruments TL1454ACD Datasheet HTML 5Page - Texas Instruments TL1454ACD Datasheet HTML 6Page - Texas Instruments TL1454ACD Datasheet HTML 7Page - Texas Instruments TL1454ACD Datasheet HTML 8Page - Texas Instruments TL1454ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TL1454A, TL1454AY
DUALCHANNEL PULSEWIDTHMODULATION (PWM)
CONTROL CIRCUIT
SLVS423 A− MAY 2002 − REVISED SEPTEMBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Two Complete PWM Control Circuits
D Outputs Drive MOSFETs Directly
D Oscillator Frequency...50 kHz to 2 MHz
D 3.6-V to 20-V Supply-Voltage Range
D Low Supply Current . . . 3.5 mA Typ
D Adjustable Dead-Time Control, 0% to 100%
D 1.26-V Reference
description
The TL1454A is a dual-channel pulse-width-mod-
ulation (PWM) control circuit, primarily intended
for low-power, dc/dc converters. Applications
include LCD displays, backlight inverters, note-
book computers, and other products requiring
small, high-frequency, dc/dc converters.
Each PWM channel has its own error amplifier, PWM comparator, dead-time control comparator, and MOSFET
driver. The voltage reference, oscillator, undervoltage lockout, and short-circuit protection are common to both
channels.
Channel 1 is configured to drive n-channel MOSFETs in step-up or flyback converters, and channel 2 is
configured to drive p-channel MOSFETs in step-down or inverting converters. The operating frequency is set
with an external resistor and an external capacitor, and dead time is continuously adjustable from 0 to 100%
duty cycle with a resistive divider network. Soft start can be implemented by adding a capacitor to the dead-time
control (DTC) network. The error-amplifier common-mode input range includes ground, which allows the
TL1454A to be used in ground-sensing battery chargers as well as voltage converters.
AVAILABLE OPTIONS
PACKAGED DEVICES†
CHIP FORM
TA
SMALL OUTLINE
(D)
PLASTIC DIP
(N)
TSSOP
(PW)
SSOP
(DB)
SOP-EIAJ
(NS)
CHIP FORM
(Y)
−20
°C to 85°C
TL1454ACD
TL1454ACN
TL1454ACPWR
TL1454ACDB
TL1454ACNS
TL1454AY
† The D, DB and NS packages are available taped and reeled. Add the suffix R to the device name (e.g., TL1454ACDR). The PW package is
available only left-end taped and reeled (indicated by the R suffix on the device type; e.g., TL1454ACPWR).
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CT
RT
DTC1
IN1 +
IN1 −
COMP1
GND
OUT1
D, N OR PW PACKAGE
(TOP VIEW)
REF
SCP
DTC2
IN2 +
IN2 −
COMP2
VCC
OUT2


Similar Part No. - TL1454ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1454ACD TI-TL1454ACD Datasheet
409Kb / 27P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454ACD TI1-TL1454ACD Datasheet
894Kb / 25P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454ACDB TI-TL1454ACDB Datasheet
409Kb / 27P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454ACDB TI1-TL1454ACDB Datasheet
894Kb / 25P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454ACDBR TI-TL1454ACDBR Datasheet
409Kb / 27P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results

Similar Description - TL1454ACD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL1453C TI-TL1453C Datasheet
116Kb / 7P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1454 TI-TL1454 Datasheet
390Kb / 24P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI-TL1454A Datasheet
409Kb / 27P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL594 TI-TL594_07 Datasheet
642Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1453CPWR TI1-TL1453CPWR Datasheet
422Kb / 8P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1454CPW TI1-TL1454CPW Datasheet
384Kb / 25P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Texas Instruments
TL1454A TI1-TL1454A_14 Datasheet
894Kb / 25P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com