Electronic Components Datasheet Search
  English  ▼

X  

XC6402 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6402
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6402 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6402 Datasheet HTML 15Page - Torex Semiconductor XC6402 Datasheet HTML 16Page - Torex Semiconductor XC6402 Datasheet HTML 17Page - Torex Semiconductor XC6402 Datasheet HTML 18Page - Torex Semiconductor XC6402 Datasheet HTML 19Page - Torex Semiconductor XC6402 Datasheet HTML 20Page - Torex Semiconductor XC6402 Datasheet HTML 21Page - Torex Semiconductor XC6402 Datasheet HTML 22Page - Torex Semiconductor XC6402 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
19/31
XC6402
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) Supply Current vs. Input Voltage
(5) VR Output Voltage vs. Operating Temperature
XC6402 Series (VR:0.8V)
0
20
40
60
80
100
01
234
56
Input Voltage VIN(V)
CIN=1.0μF(ceramic),CL=6.8μF(ceramic)
Topr= - 40℃
Topr= 25℃
Topr= 85℃
XC6402 Series (VR:3.0V)
0
20
40
60
80
100
01
234
56
Input Voltage VIN(V)
CIN=1.0μF(ceramic),CL=1.0μF(ceramic)
Topr= - 40℃
Topr= 25℃
Topr= 85℃
XC6402 Series (VR:5.0V)
0
20
40
60
80
100
120
01
23
45
6
Input Voltage VIN(V)
CIN=1.0μF(ceramic),CL=1.0μF(ceramic)
Topr= - 40℃
Topr= 25℃
Topr= 85℃
XC6402 Series (VR: 0.8V)
XC6402 Series (VR: 3.0V)
XC6402 Series (VR: 0.8V)
XC6402 Series (VR: 5.0V)
XC6402 Series (VR: 3.0V)
XC6402 Series (VR : 5.0V)
XC6402 Series (VR: 5.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com