Electronic Components Datasheet Search
  English  ▼

X  

XC6402 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6402
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6402 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6402 Datasheet HTML 1Page - Torex Semiconductor XC6402 Datasheet HTML 2Page - Torex Semiconductor XC6402 Datasheet HTML 3Page - Torex Semiconductor XC6402 Datasheet HTML 4Page - Torex Semiconductor XC6402 Datasheet HTML 5Page - Torex Semiconductor XC6402 Datasheet HTML 6Page - Torex Semiconductor XC6402 Datasheet HTML 7Page - Torex Semiconductor XC6402 Datasheet HTML 8Page - Torex Semiconductor XC6402 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2/31
XC6402 Series
PIN NUMBER
SOT-25
SOT-89-5
USP-6B
PIN NAME
FUNCTION
1
1
3
VIN
Power Input
2
2
4
VSS
Ground
5
3
5
VROUT
VR Output
4
4
6
VDOUT
VD Output
3
5
1
EN
VR ON/OFF Control (C Series)
3
5
1
Cd
Delay Capacitor Connection (F Series)
-
-
2
NC
No Connection
SERIES
CE INPUT LOGIC
XC6402 * A ~ D
High Active with pull-down resistance
XC6402 * E ~ K
High Active with no pull-down resistance
XC6402 * L ~ P
Low Active with pull-up resistance
XC6402 * R ~ U
Low Active with no pull-up resistance
SERIES
VD SENSE PIN
XC6402 * A, B, E, F, L, M, R, S, V, X
VIN
XC6402 * C, D, H, K, N, P, T, U, Y, Z
VROUT
SERIES
VD OUTPUT LOGIC
XC6402 * A, C, E, H, L, N, R, T, V, Y
Detect L
XC6402 * B, D, F, K, M, P, S, U, X, Z
Detect H
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
1. EN Input Logic, Internal Pull-up / down as option
2. VD Sense as option
3. VD Output Logic as option
USP-6B (BOTTOM VIEW)
●
Selection Guide
*The dissipation pad for the USP-6B package
should be solder-plated in recommended mount
pattern and metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to other pins, it
should be connected to the VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com