Electronic Components Datasheet Search
  English  ▼

X  

XC6402 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6402
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6402 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6402 Datasheet HTML 1Page - Torex Semiconductor XC6402 Datasheet HTML 2Page - Torex Semiconductor XC6402 Datasheet HTML 3Page - Torex Semiconductor XC6402 Datasheet HTML 4Page - Torex Semiconductor XC6402 Datasheet HTML 5Page - Torex Semiconductor XC6402 Datasheet HTML 6Page - Torex Semiconductor XC6402 Datasheet HTML 7Page - Torex Semiconductor XC6402 Datasheet HTML 8Page - Torex Semiconductor XC6402 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3/31
XC6402
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
: EN function
①
Operational Function
F
: Cd Pin
②
Type of Regulator
-
: As in the chart below
③ ④
Output Voltage & Detect
Voltage
-
: Internally set sequential number relating to output
voltage and detect voltage.
VR setting output voltage range: 0.8V ~ 5.0V
Detect voltage setting range: 0.8V ~ 5.0V
50mV increments are available
M
: SOT-25 (SOT-23-5)
P
: SOT-89
⑤
Package
D
: USP-6B
R
: Embossed tape, standard feed
⑥
Device Orientation
L
: Embossed tape, reverse feed
②
EN FUNCTION
EN LOGIC
PULL UP/DOWN
RESISTANCE
VD SENSE PIN
VD OUTPUT
LOGIC
PIN NUMBER ①
A
Functional
High Active
Pull-down Function
VIN
Detect L
B
Functional
High Active
Pull-down Function
VIN
Detect H
C
Functional
High Active
Pull-down Function
VROUT
Detect L
D
Functional
High Active
Pull-down Function
VROUT
Detect H
E
Functional
High Active
Nonfunctional
VIN
Detect L
F
Functional
High Active
Nonfunctional
VIN
Detect H
H
Functional
High Active
Nonfunctional
VROUT
Detect L
K
Functional
High Active
Nonfunctional
VROUT
Detect H
L
Functional
Low Active
Pull-up Function
VIN
Detect L
M
Functional
Low Active
Pull-up Function
VIN
Detect H
N
Functional
Low Active
Pull-up Function
VROUT
Detect L
P
Functional
Low Active
Pull-up Function
VROUT
Detect H
R
Functional
Low Active
Nonfunctional
VIN
Detect L
S
Functional
Low Active
Nonfunctional
VIN
Detect H
T
Functional
Low Active
Nonfunctional
VROUT
Detect L
U
Functional
Low Active
Nonfunctional
VROUT
Detect H
C Series
V
Nonfunctional
-
-
VIN
Detect L
X
Nonfunctional
-
-
VIN
Detect H
Y
Nonfunctional
-
-
VROUT
Detect L
Z
Nonfunctional
-
-
VROUT
Detect H
F Series
XC6402 ①②③④⑤⑥
■
PRODUCT CLASSIFICATION (Continued)
PIN NUMBER : ② Types
●
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com