Electronic Components Datasheet Search
  English  ▼

X  

XC6405 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6405
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6405 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6405 Datasheet HTML 9Page - Torex Semiconductor XC6405 Datasheet HTML 10Page - Torex Semiconductor XC6405 Datasheet HTML 11Page - Torex Semiconductor XC6405 Datasheet HTML 12Page - Torex Semiconductor XC6405 Datasheet HTML 13Page - Torex Semiconductor XC6405 Datasheet HTML 14Page - Torex Semiconductor XC6405 Datasheet HTML 15Page - Torex Semiconductor XC6405 Datasheet HTML 16Page - Torex Semiconductor XC6405 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
13/55
XC6405
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage (*2,3)
VROUT(E)
IROUT=30mA
×
0.98 VROUT(T) ×1.02
V
①
Maximum Output Current
(0.9 ~ 2.4V product)
IROUTMAX
VIN=VROUT(T)+2.0V
400
-
-
mA
①
Maximum Output Current
(2.5 ~ 4.9V product)
IROUTMAX
VIN=VROUT(T)+2.0V
When VROUT(T)≧4.0V, VIN=6.0V
500
-
-
mA
①
Load Regulation
△
VROUT
1mA≦IROUT≦100mA
-
15
50
mV
①
Vdif1
IROUT=30mA
E-1
mV
①
Dropout Voltage (*4)
Vdif2
IROUT=100mA
E-2
mV
①
Supply Current
(FV / FX / FY / FZ series)
IDD
VIN=VEN=VROUT(T)+1.0V,
When VROUT≦0.9V, VIN=2.0V
-
90
145
μ
A
②
Line Regulation
△
VROUT
△
VIN ・ VROUT
VROUT(T)+1.0V≦VIN<6.0V
When VROUT≦0.9V, 2.0V≦VIN≦6.0V
IROUT=30mA
When VROUT≦1.75V, IROUT=10mA
-
0.01
0.20
% / V
①
Input Voltage
VIN
2.0
-
6.0
V
-
Output Voltage
Temperature Characteristics
△
VROUT
△
Topr・VROUT
IROUT=30mA
-40℃≦Topr≦85℃
-
±100
-
ppm /℃
①
Ripple Rejection Rate
PSRR
VIN=[VROUT(T)+1.0]V+0.5Vp-pAC
When VROUT(T)≦1.25V
→
VIN=2.25V+0.5Vp-pAC
When VROUT(T)≧4.75V
→
VIN=5.75V+0.5Vp-pAC
IROUT=50mA, f=10kHz
-
65
-
dB
③
Current Limiter
(2.4V or less)
IRlim
VIN=VROUT(T)+2.0V
-
600
-
mA
①
Current Limiter
(2.5V or more)
IRlim
VIN=VROUT(T)+2.0V
When VROUT(T)≧4.0V, VIN=6.0V
500
600
-
mA
①
Short-Circuit Current
IRshort
VIN=VROUT(T)+2.0V
When VROUT(T)≧4.0V, VIN=6.0V
-
50
-
mA
①
Detect Voltage (*7, 8)
VDF (E)
×
0.98 VDF (T) ×1.02
V
④
Hysteresis Range (*8)
VHYS
VDF (T)
×
0.02
VDF (T)
×
0.05
VDF (T)
×
0.08
V
④
VIN = 2.0V
3.0
6.0
-
VIN = 3.0V
4.0
8.0
-
VIN = 4.0V
5.0
10.0
-
VIN = 5.0V
7.0
12.0
-
Output Current (*9)
IDOUT
VDOUT = 0.5V
VIN = 6.0V
10.0
15.0
-
mA
⑤
Detect Voltage
Temperature Characteristics
△
VDF
△
Topr ・ VDF
-40℃≦Topr≦85℃
-
±
100
-
ppm /℃
④
Delay Resistance
Rdelay
VIN=6.0V, Cd=0V
Delay Resistance=6.0V/Delay Current
300
500
700
kΩ
⑥
■
ELECTRICAL CHARACTERISTICS (Continued)
Ta=25℃
●
XC6405 FV / FX / FY / FZ Series
NOTE:
*1: Unless otherwise stated, VIN=VOUT(T)+1.0V
*2: VROUT(T)=Specified VR output voltage
*3: VOUT(E)=Effective VR output voltage. Refer to the E-0 chart for VDF(T) values less than 1.5V.
(i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value).
*4: Vdif={VIN1
(*6)-VROUT1(*5)}
*5: A voltage equal to 98% of the VR output voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input.
*6: VIN1=The input voltage when VOUT1, which appears as input voltage is gradually decreased.
*7: VDF (T) : Specified detect voltage value
*8: VDF (E) : Effective detect voltage value. Refer to the E-0 chart for VDF(T) values less than 1.5V.
*9: VD supply current = sink current during detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com