Electronic Components Datasheet Search
  English  ▼

X  

XC6405 Datasheet(PDF) 39 Page - Torex Semiconductor

Part # XC6405
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6405 Datasheet(HTML) 39 Page - Torex Semiconductor

Back Button XC6405 Datasheet HTML 35Page - Torex Semiconductor XC6405 Datasheet HTML 36Page - Torex Semiconductor XC6405 Datasheet HTML 37Page - Torex Semiconductor XC6405 Datasheet HTML 38Page - Torex Semiconductor XC6405 Datasheet HTML 39Page - Torex Semiconductor XC6405 Datasheet HTML 40Page - Torex Semiconductor XC6405 Datasheet HTML 41Page - Torex Semiconductor XC6405 Datasheet HTML 42Page - Torex Semiconductor XC6405 Datasheet HTML 43Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
39/55
XC6405
Series
(12) VD N-ch Driver Tr. Output Current vs. VDS
0
4
8
12
16
20
24
28
32
01234
VDS (V)
0
3
6
9
12
15
18
21
24
0
123
4
VDS (V)
0
2
4
6
8
10
12
14
16
00.511.5
2
2.5
3
VDS (V)
0
1
2
3
4
5
6
7
8
0
0.5
1
1.5
2
2.5
VDS (V)
Topr=25℃
Topr=25℃
Topr=25℃
VIN=2.0V
VIN=2.0V
VIN=2.5V
VIN=2.0V
VIN=1.5V
VIN=1.0V
VIN=2.5V
VIN=2.0V
VIN=1.5V
VIN=3.0V
VIN=1.5V
VIN=2.5V
VIN=3.5V
VIN=4.5V
XC6405 Series (VD:2.0V)
XC6405 Series (VD:2.7V)
XC6405 Series (VD:5.0V)
XC6405 Series (VD:3.6V)
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com