Electronic Components Datasheet Search
  English  ▼

X  

XC6405 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6405
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6405 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6405 Datasheet HTML 1Page - Torex Semiconductor XC6405 Datasheet HTML 2Page - Torex Semiconductor XC6405 Datasheet HTML 3Page - Torex Semiconductor XC6405 Datasheet HTML 4Page - Torex Semiconductor XC6405 Datasheet HTML 5Page - Torex Semiconductor XC6405 Datasheet HTML 6Page - Torex Semiconductor XC6405 Datasheet HTML 7Page - Torex Semiconductor XC6405 Datasheet HTML 8Page - Torex Semiconductor XC6405 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
2/55
XC6405 Series
PIN NUMBER
SOT-25
SOT-89-5
PIN
NAME
FUNCTION
1
1
VIN
Power Input
2
2
VSS
Ground
3
5
EN
VR ON / OFF Control
3
5
CE
ON / OFF Control
3
5
VSEN
VD Monitoring
3
5
Cd
Delay Capacitor Connection
4
4
VDOUT
VD Output
5
3
VROUT
VR Output
SERIES
TOGGLE FUNCTION (BUILT-IN)
XC6405A
VD with Toggle Function
XC6405B
VD with Toggle Function and
XC6405C ~ F
VD with No Toggle Function
SERIES
STAND-BY MODE FUNCTION
XC6405A ~ C
VR with Stand-By Mode Function
XC6405D
Chip Stand-By Mode Function
XC6405E,F
No Stand-By Mode Function
SERIES
CE INPUT LOGIC
XC6405 * A ~ D
High Active with Pull Down
XC6405 * E ~ K
High Active with No Pull Down
XC6405 * L ~ P
Low Active with Pull Up
XC6405 * R ~ U
Low Active with No Pull Up
SERIES
VD SENSE PIN
XC6405 * A, B, E, F, L, M, R, S, V,
VIN
XC6405 * C, D, H, K, N, P, T, U, Y,
VOUT
XC6405 EV ~ Z
VSEN
SERIES
VD OUTPUT LOGIC FUNCTION
XC6405A ~ F
Detect L or Detect H
SERIES
VD OUTPUT LOGIC FUNCTION
XC6405A ~ E
No Delay
XC6405F
Delay Time Adjustable by Connecting
■
PIN CONFIGURATION
SOT-25 (TOP VIEW)
SOT-89-5 (TOP VIEW)
■
PRODUCT CLASSIFICATION
■
PRODUCT CLASSIFICATION
1. TOGGLE FUNCTION, VD SELF-SATURATION AS OPTION
2. STAND-BY MODE FUNCTION AS OPTION
3. CE / EN INPUT LOGIC INTERNAL PULL-UP/DOWN AS OPTION (* A ~ D Series)
4. VD SENSE AS OPTION (*A ~ D and F Series)
5. VD OUTPUT LOGIC AS OPTION
●
Selection Guide
6. VD DELAY FUNCTION AS OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com