Electronic Components Datasheet Search
  English  ▼

X  

TL3695 Datasheet(PDF) 5 Page - Texas Instruments

Part # TL3695
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL3695 Datasheet(HTML) 5 Page - Texas Instruments

  TL3695 Datasheet HTML 1Page - Texas Instruments TL3695 Datasheet HTML 2Page - Texas Instruments TL3695 Datasheet HTML 3Page - Texas Instruments TL3695 Datasheet HTML 4Page - Texas Instruments TL3695 Datasheet HTML 5Page - Texas Instruments TL3695 Datasheet HTML 6Page - Texas Instruments TL3695 Datasheet HTML 7Page - Texas Instruments TL3695 Datasheet HTML 8Page - Texas Instruments TL3695 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TL3695
DIFFERENTIAL BUS TRANSCEIVER
SLLS044D − NOVEMBER 1988 − REVISED DECEMBER 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
II = − 18 mA
− 1.5
V
VO
Output voltage
IO = 0
0
6
V
|VOD1|
Differential output voltage
IO = 0
1.5
5
V
R
100
Ω
See Figure 1
1/2 VOD1
V
|VOD2|
Differential output voltage
RL = 100 Ω,
See Figure 1
1/2 VOD1
or 2§
V
|VOD2|
Differential output voltage
RL = 54 Ω,
See Figure 1
1.5
2.5
5
V
VOD3
Differential output voltage
Vtest = − 7 V to 12 V,
See Figure 2
1.5
5
V
Δ |VOD|
Change in magnitude of differential output
voltage¶
±0.2
V
VOC
Common-mode output voltage
RL = 54 Ω,
See Figure 1
3
V
Δ |VOC|
Change in magnitude of common-mode
output voltage¶
RL
54
Ω,
See Figure 1
±0.2
V
I
Output current
Output disabled,
VO = 12 V
1
mA
IO
Output current
Output disabled,
See Note 4
VO = − 7 V
− 0.8
mA
IIH
High-level input current
VI = 2.4 V
20
μA
IIL
Low-level input current
VI = 0.4 V
− 200
μA
VO = − 6 V
− 250
I
Short circuit output current#
VO = 0
− 150
mA
IOS
Short-circuit output current#
VO = VCC
250
mA
VO = 8 V
250
I
Supply current
No load
Outputs enabled
23
50
mA
ICC
Supply current
No load
Outputs disabled
19
35
mA
† The power-off measurement in TIA/EIA-422-B applies to disabled outputs only and is not applied to combined inputs and outputs.
‡ All typical values are at VCC = 5 V and TA = 25°C.
§ The minimum VOD2 with a 100-Ω load is either 1/2 VOD1 or 2 V, whichever is greater.
Δ |VOD| and Δ |VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
# Duration of the short circuit should not exceed one second for this test.
NOTE 4: This applies for power on and power off. Refer to TIA/EIA-485-A for exact conditions. The TIA/EIA-422-B limit does not apply for a
combined driver and receiver terminal.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
td(OD)
Differential-output delay time
8
22
ns
Skew (|td(ODH) − td(ODL)|)
CL1 = CL2 = 100 pF,
RL = 60 Ω,
See Figure 3
1
8
ns
tt(OD)
Differential output transition time
CL1
CL2
100 pF,
RL
60
Ω,
See Figure 3
8
18
ns
tPZH
Output enable time to high level
CL = 100 pF,
RL = 500 Ω,
See Figure 4
50
ns
tPZL
Output enable time to low level
CL = 100 pF,
RL = 500 Ω,
See Figure 5
50
ns
tPHZ
Output disable time from high level
CL = 15 pF,
RL = 500 Ω,
See Figure 4
8
30
ns
tPLZ
Output disable time from low level
CL = 15 pF,
RL = 500 Ω,
See Figure 5
8
30
ns
‡ All typical values are at VCC = 5 V and TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com