Electronic Components Datasheet Search
  English  ▼

X  

TL3695 Datasheet(PDF) 10 Page - Texas Instruments

Part # TL3695
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL3695 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL3695 Datasheet HTML 6Page - Texas Instruments TL3695 Datasheet HTML 7Page - Texas Instruments TL3695 Datasheet HTML 8Page - Texas Instruments TL3695 Datasheet HTML 9Page - Texas Instruments TL3695 Datasheet HTML 10Page - Texas Instruments TL3695 Datasheet HTML 11Page - Texas Instruments TL3695 Datasheet HTML 12Page - Texas Instruments TL3695 Datasheet HTML 13Page - Texas Instruments TL3695 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TL3695
DIFFERENTIAL BUS TRANSCEIVER
SLLS044D − NOVEMBER 1988 − REVISED DECEMBER 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
− 1.5 V
1.5 V
1.5 V
1.5 V
0.5 V
50
Ω
Generator
(see Note B)
S1
S3
1 k
Ω
CL = 15 pF
(see Note A)
1N916 or Equivalent
3 V
0 V
0 V
Input
Input
Output
Output
tPZH
TEST CIRCUIT
VOH
S1 to 1.5 V
S2 Open
S3 Closed
Input
Output
Input
Output
tPZL
3 V
1.5 V
0 V
1.5 V
VOL
≈4.5 V
≈1.3 V
S1 to − 1.5 V
S2 Closed
S3 Open
S1 to − 1.5 V
S2 Closed
S3 Open
3 V
0 V
S1 to 1.5 V
S2 Open
S3 Closed
tPHZ
VOH
≈1.3 V
3 V
0 V
1.5 V
tPLZ
0.5 V
VOL
VOLTAGE WAVEFORMS
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 10 ns,
tf ≤ 10 ns, ZO = 50 Ω.
2 k
Ω
5 V
S2
Output
Figure 8. Receiver Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com