Electronic Components Datasheet Search
  English  ▼

X  

TL3695 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL3695
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL3695 Datasheet(HTML) 1 Page - Texas Instruments

  TL3695 Datasheet HTML 1Page - Texas Instruments TL3695 Datasheet HTML 2Page - Texas Instruments TL3695 Datasheet HTML 3Page - Texas Instruments TL3695 Datasheet HTML 4Page - Texas Instruments TL3695 Datasheet HTML 5Page - Texas Instruments TL3695 Datasheet HTML 6Page - Texas Instruments TL3695 Datasheet HTML 7Page - Texas Instruments TL3695 Datasheet HTML 8Page - Texas Instruments TL3695 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TL3695
DIFFERENTIAL BUS TRANSCEIVER
SLLS044D − NOVEMBER 1988 − REVISED DECEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Bidirectional Transceiver
D Meets or Exceeds the Requirements of
TIA/EIA-422-B, TIA/EIA-485-A, and ITU
Recommendation V.11
D High-Speed Advanced Low-Power Schottky
Circuitry
D Low Skew ...6 ns Max
D Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
D Low Supply-Current Requirements . . .
30 mA Max
D Wide Positive and Negative Input/Output
Bus-Voltage Ranges
D Driver Output Capacity . . . ±60 mA
D Thermal-Shutdown Protection
D Driver Positive and Negative Current
Limiting
D Receiver Input Impedances...12 kΩ Min
D Receiver Input Sensitivity... ±200 mV Max
D Receiver Input Hysteresis . . . 120 mV Typ
D Fail Safe ...High Receiver Output With
Inputs Open
D Operates From a Single 5-V Supply
D Glitch-Free Power-Up and Power-Down
Protection
D Interchangeable With National DS3695 and
DS3695A
description
The TL3695 differential bus transceiver is designed for bidirectional data communication on multipoint
bus-transmission lines. It is designed for balanced transmission lines and meets TIA/EIA-422-B,
TIA/EIA-485-A, and ITU Recommendation V.11.
The TL3695 combines a 3-state differential line driver and a differential input line receiver, both of which operate
from a single 5-V power supply. The driver and receiver have active-high and active-low enables, respectively,
which can be externally connected together to function as a directional control. The driver differential outputs
and the receiver differential inputs are connected internally to form a differential input/output (I/O) bus port that
is designed to offer minimum loading to the bus when the driver is disabled or VCC = 0. This port features wide
positive and negative common-mode voltage ranges, making the device suitable for party line applications.
The TL3695 is characterized for operation from 0
°C to 70°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - TL3695

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3695 TI-TL3695 Datasheet
195Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
TL3695D TI-TL3695D Datasheet
195Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
TL3695D TI1-TL3695D Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
TL3695DE4 TI1-TL3695DE4 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
TL3695DG4 TI1-TL3695DG4 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - TL3695

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com