Electronic Components Datasheet Search
  English  ▼

X  

TL4242 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL4242
Description  TL4242-Q1 Adjustable LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL4242 Datasheet(HTML) 4 Page - Texas Instruments

  TL4242 Datasheet HTML 1Page - Texas Instruments TL4242 Datasheet HTML 2Page - Texas Instruments TL4242 Datasheet HTML 3Page - Texas Instruments TL4242 Datasheet HTML 4Page - Texas Instruments TL4242 Datasheet HTML 5Page - Texas Instruments TL4242 Datasheet HTML 6Page - Texas Instruments TL4242 Datasheet HTML 7Page - Texas Instruments TL4242 Datasheet HTML 8Page - Texas Instruments TL4242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Not to scale
1
PWM
8
I
2
ST
7
NC
3
GND
6
Q
4
REF
5
D
Not to scale
Thermal
Pad
4
TL4242-Q1
SLVS732G – JULY 2010 – REVISED APRIL 2017
www.ti.com
Product Folder Links: TL4242-Q1
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRJ Package
8-Pin WSON With Exposed Thermal Pad
Top View
KTT Package
7-Pin TO-263 With Exposed Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
DRJ
KTT
D
5
6
I
Status delay. To set status reaction delay, connect to GND with a capacitor. For no
delay, leave open.
GND
3
4
—
Ground
I
8
1
I
Input. Connect directly to GND as close as possible to the device with a 100-nF ceramic
capacitor.
NC
7
—
—
No internal connection
PWM
1
2
I
Pulse-width modulation input. If not used, connect to the I pin.
Q
6
7
O
Output
REF
4
5
I
Reference input. Connect to a shunt resistor.
ST
2
3
O
Status output. Open-collector output. Connect to an external pullup resistor (RPULLUP ≥
4.7 k
Ω).
Thermal pad
—
—
—
Solder the thermal pad directly to the PCB. Connect to ground or leave floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com