Electronic Components Datasheet Search
  English  ▼

X  

TL4242 Datasheet(PDF) 12 Page - Texas Instruments

Part # TL4242
Description  TL4242-Q1 Adjustable LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL4242 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL4242 Datasheet HTML 8Page - Texas Instruments TL4242 Datasheet HTML 9Page - Texas Instruments TL4242 Datasheet HTML 10Page - Texas Instruments TL4242 Datasheet HTML 11Page - Texas Instruments TL4242 Datasheet HTML 12Page - Texas Instruments TL4242 Datasheet HTML 13Page - Texas Instruments TL4242 Datasheet HTML 14Page - Texas Instruments TL4242 Datasheet HTML 15Page - Texas Instruments TL4242 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
REF
Q max
REF
V
I
R
=
TL4242-Q1
PWM
Q
REF
Vin
VDD
OUT
TLC555-Q1
STOP
TAIL
R
REF
LED
Dragon
12
TL4242-Q1
SLVS732G – JULY 2010 – REVISED APRIL 2017
www.ti.com
Product Folder Links: TL4242-Q1
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
8.2.1.3 Application Curves
Figure 8. Start-Up Waveform
Figure 9. 50% Duty Cycle Waveform
8.2.2 Stoplight and Taillight Application
For many automobiles, the same set of LEDs illuminates both taillights and stop lights. Thus, the LEDs must
operate at two different brightness levels, full brightness for the stoplight and 10% to 25% brightness for the
taillight. The easiest way to achieve the different brightness is dimming by pulse-width modulation (PWM), which
holds the color spectrum of the LED over its whole brightness range. The maximum current that passes through
the LED is programmable by sense resistor RREF.
Figure 10. Stoplight and Taillight Application Circuit
8.2.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
RREF
1 Ω
8.2.2.2 Detailed Design Procedure
Obtain the maximum current, IQmax, that passes through the LEDs by Equation 4:
(4)
For example, if RREF equals 1 Ω, as VREF is a fixed value range from 168 mV to 185 mV, IQmax should be 168 mA
to 185 mA.
Figure 10 shows the application circuit of the stoplight and taillight including an automotive-qualified timer,
TLC555-Q1, the duty cycle of which is programmable by two external resistors. One can see that driving the
STOP signal high pulls the PWM pin constantly high, creating 100% duty cycle. Thus the LEDs operate at full
brightness. When the TAIL signal is high, the LEDs operate at 25% brightness because the TLC555-Q1 timer is
programmed at a fixed duty cycle of 25%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com