Electronic Components Datasheet Search
  English  ▼

X  

TL4242 Datasheet(PDF) 10 Page - Texas Instruments

Part # TL4242
Description  TL4242-Q1 Adjustable LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL4242 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL4242 Datasheet HTML 6Page - Texas Instruments TL4242 Datasheet HTML 7Page - Texas Instruments TL4242 Datasheet HTML 8Page - Texas Instruments TL4242 Datasheet HTML 9Page - Texas Instruments TL4242 Datasheet HTML 10Page - Texas Instruments TL4242 Datasheet HTML 11Page - Texas Instruments TL4242 Datasheet HTML 12Page - Texas Instruments TL4242 Datasheet HTML 13Page - Texas Instruments TL4242 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
100 nF
Q
SI
RO
I
GND
RADJ
D
10 µF
10 k
ST
PWM
GND
D
47 nF
Q
REF
VBAT
RREF
LED
Dragon
I
Microcontroller
0.47
0.25 W
TL4242-Q1
10
TL4242-Q1
SLVS732G – JULY 2010 – REVISED APRIL 2017
www.ti.com
Product Folder Links: TL4242-Q1
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TL4242-Q1 device is usually used in the automotive lighting applications. A microcontroller is usually used to
generate PWM waveform to dimming the LED.
8.2 Typical Applications
8.2.1 Application Circuit
Figure 6 shows a typical application with the TL4242-Q1 LED driver. A supply current adjusted by the RREF
resistor drives the three LEDs, preventing brightness variations due to forward voltage spread of the LEDs. An
appropriate duty cycle applied to the PWM pin can compensate through software for the luminosity spread
arising from the LED production process. Therefore, it is not necessary to select LEDs for forward voltage or
luminosity classes. The minimum supply voltage should be equal to or greater than the sum of the LED forward
voltages, the TL4242-Q1 drop voltage (maximum 0.7 V at an LED current of 300 mA), and the maximum voltage
drop at the shunt resistor RREF of 185 mV.
Figure 6. Application Circuit
8.2.1.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
RREF
0.47 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com