Electronic Components Datasheet Search
  English  ▼

X  

XC6414 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6414
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6414 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6414 Datasheet HTML 3Page - Torex Semiconductor XC6414 Datasheet HTML 4Page - Torex Semiconductor XC6414 Datasheet HTML 5Page - Torex Semiconductor XC6414 Datasheet HTML 6Page - Torex Semiconductor XC6414 Datasheet HTML 7Page - Torex Semiconductor XC6414 Datasheet HTML 8Page - Torex Semiconductor XC6414 Datasheet HTML 9Page - Torex Semiconductor XC6414 Datasheet HTML 10Page - Torex Semiconductor XC6414 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
XC6413/XC6414
Series
SYMBOL
E-0
E-1
E-2
OUTPUT VOLTAGE
DETECT VOLTAGE
DROPOUT VOLTAGE 1 (mV)
(IOUT=30mA)
DROPOUT VOLTAGE 2 (mV)
(IOUT=100mA)
PARAMETER
SETTING
DETECT VOLTAGE
OUTPUT VOLTAGE
(V)
Ta=25℃
Ta=25℃
VROUT / VDF
Vdif1
Vdif1
Vdif2
Vdif2
VROUT(T)
VDF(T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
0.90
0.870
0.930
1050
1100
1150
1200
1.00
0.970
1.030
1000
1100
1050
1200
1.10
1.070
1.130
900
1000
950
1100
1.20
1.170
1.230
800
900
850
1000
1.30
1.270
1.330
700
800
750
900
1.40
1.370
1.430
600
700
650
800
1.50
1.470
1.530
500
600
550
700
1.60
1.568
1.632
400
500
500
600
1.70
1.666
1.734
300
400
400
500
1.80
1.764
1.836
200
300
300
400
1.90
1.862
1.938
120
150
280
380
2.00
1.960
2.040
80
120
240
350
2.10
2.058
2.142
80
120
240
330
2.20
2.156
2.244
80
120
240
330
2.30
2.254
2.346
80
120
240
310
2.40
2.352
2.448
80
120
240
310
2.50
2.450
2.550
70
100
220
290
2.60
2.548
2.652
70
100
220
290
2.70
2.646
2.754
70
100
220
290
2.80
2.744
2.856
70
100
220
270
2.90
2.842
2.958
70
100
220
270
3.00
2.940
3.060
60
90
200
270
3.10
3.038
3.162
60
90
200
250
3.20
3.136
3.264
60
90
200
250
3.30
3.234
3.366
60
90
200
250
3.40
3.332
3.468
60
90
200
250
3.50
3.430
3.570
60
90
200
250
3.60
3.528
3.672
60
90
200
250
3.70
3.626
3.774
60
90
200
250
3.80
3.724
3.876
60
90
200
250
3.90
3.822
3.978
60
90
200
250
4.00
3.920
4.080
60
80
180
230
4.10
4.018
4.182
60
80
180
230
4.20
4.116
4.284
60
80
180
230
4.30
4.214
4.386
60
80
180
230
4.40
4.312
4.488
60
80
180
230
4.50
4.410
4.590
60
80
180
230
4.60
4.508
4.692
60
80
180
230
4.70
4.606
4.794
60
80
180
230
4.80
4.704
4.896
60
80
180
230
4.90
4.802
4.998
60
80
180
230
5.00
4.900
5.100
50
70
160
210
5.10
4.998
5.202
50
70
160
210
5.20
5.096
5.304
50
70
160
210
5.30
5.194
5.406
50
70
160
210
5.40
5.292
5.508
50
70
160
210
5.50
5.390
5.610
50
70
160
210
5.60
5.488
5.712
5.70
5.586
5.814
5.80
5.684
5.916
5.90
5.782
6.018
6.00
5.880
6.120
●
VR Dropout Voltage
■
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com