Electronic Components Datasheet Search
  English  ▼

X  

XC6414 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6414
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6414 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6414 Datasheet HTML 1Page - Torex Semiconductor XC6414 Datasheet HTML 2Page - Torex Semiconductor XC6414 Datasheet HTML 3Page - Torex Semiconductor XC6414 Datasheet HTML 4Page - Torex Semiconductor XC6414 Datasheet HTML 5Page - Torex Semiconductor XC6414 Datasheet HTML 6Page - Torex Semiconductor XC6414 Datasheet HTML 7Page - Torex Semiconductor XC6414 Datasheet HTML 8Page - Torex Semiconductor XC6414 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
XC6413/XC6414 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
VIN
VS S
VROUT
VDOUT
EN/ CE
Rpull-u p
220K
CIN
1uF
VROUT
CL
1
2
34
5
VIN
VSS
VROUT
VDOUT
VS EN
Rpull-u p
220K
220K
VROUT
CIN
1u F
CL
CL
1
2
3
4
5
VDOUT
VIN
VS S
VROUT
VDOUT
Cd
Rpull-u p
VROUT
CIN
1uF
Cd
2
1
34
5
■
GENERAL DESCRIPTION
The XC6413/14 series are highly precise, low noise, positive voltage LDO regulators with voltage detector manufactured using
CMOS processes. Performance features of the series includes high ripple rejection and lo dropout and the series features a
voltage reference, an error amplifier, a current limiter and a phase compensation circuit plus a driver transistor. Detect voltage
is selectable in 100mV increments within a range of 0.9V ~ 6.0V and VR output voltage is selectable within a range of 0.9V ~
5.5V. The series is also compatible with low ESR ceramic capacitors which give added output stability. This stability can be
maintained even during load fluctuations due to the excellent transient response of the series. The current limiter’s foldback
circuit also operates as a short protect fro the output current limiter and the output pin. The series provides options to the user
to select from a variety of circuit features, such as detector monitoring, detector output logic, CE and EN pin input logic, internal
pull-up/down resistance. The IC’s internal regulator circuit can be placed in stand-by mode via the EN function with the
XC6413/14A to C series. The whole IC can be placed in stand-by mode via the CE function with the XC6413/14D series
(semi-custom). In the stand-by mode, power consumption is greatly reduced. The XC6413/14A and B series features a
toggle operation function. The regulator output can be OFF when the XC6413/14B series detects voltage (semi-custom).
The XC6413/14E series can monitor another power source by using the VSEN pin (semi-custom). The XC6413/14F series
can delay the detector output. Delay time can be controlled by the use of an external capacitor (semi-custom).
■
APPLICATIONS
●
Mobile phones, Cordless phones
●
Wireless communication equipment
●
Cameras, Video recorders
●
Portable games
●
Portable AV equipment
●
Reference voltage
●
Battery powered equipment
■
TYPICAL APPLICATION CIRCUITS
XC6413A ~ D Series
XC6413E Series
XC6413F Series
XC6414A ~ D Series
XC6414E Series
XC6414F Series
V SS
1
2
3
4
VR OUT
5
VD OUT
VIN
Cd
C IN
CL
Rpull
220 K
Cd
0.01u F
1u F
1u F
VSS
1
2
3
4
VR OUT
5
VD OUT
V IN
V SEN
CIN
CL
Rpu ll
220 K
1u F
1u F
V SS
1
2
3
4
VR OUT
5
VD OUT
V IN
EN /C E
CIN
CL
Rpu ll
220 K
1u F
1u F
Rpull
220k
Rpull
220k
Rpull
220k
Rpull-up
220k
Rpull-up
220k
Rpull-up
220k
ETR1004-001
■
FEATURES
Maximum Output Current
: More than 300mA (380mA limit)
(1.8≦VROUT≦5.5V) [XC6413]
More than 500mA (600mA limit)
(2.5V≦VROUT≦5.5V) [XC6414]
Dropout Voltage
: 200mV @ IROUT=100mA
Operating Voltage Range
: 2.0V ~ 6.0V
VR Setting Output Voltage Range
: 0.9V ~ 5.5V
(100mV increments)
Detect Voltage Setting Range
: 0.9V ~ 60V
(100mV increments, ± 2%)
More than 2.0V (VIN sensing)
VR Setting Output Voltage Accuracy : ± 2%
Detect Voltage Setting Accuracy
: ± 2%
VR.VD Temperature Coefficient
: ±100ppm/℃(TYP.)
Low Power Consumption
: 35μA (TYP.)
High Ripple Rejection
: 65dB @ 10kHz
Low ESR Ceramic Capacitor Compatible
Ultra Small Packages
: SOT-25, SOT-89-5, USP-6B


Similar Part No. - XC6414

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001EL TOREX-XC6411P001EL Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ER TOREX-XC6411P001ER Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ML TOREX-XC6411P001ML Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001MR TOREX-XC6411P001MR Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
More results

Similar Description - XC6414

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
High Current, High Speed LDO Regulators, Voltage Detector Function
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
High Current, High Speed LDO Regulators
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
High Current, High Speed LDO Regulators, Voltage Detector Function
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
High Current, High Speed LDO regulators
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
High Current, High Speed LDO Regulators, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com