Electronic Components Datasheet Search
  English  ▼

X  

XC6414 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6414
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6414 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6414 Datasheet HTML 5Page - Torex Semiconductor XC6414 Datasheet HTML 6Page - Torex Semiconductor XC6414 Datasheet HTML 7Page - Torex Semiconductor XC6414 Datasheet HTML 8Page - Torex Semiconductor XC6414 Datasheet HTML 9Page - Torex Semiconductor XC6414 Datasheet HTML 10Page - Torex Semiconductor XC6414 Datasheet HTML 11Page - Torex Semiconductor XC6414 Datasheet HTML 12Page - Torex Semiconductor XC6414 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
XC6413/XC6414
Series
VIN
VROUT
VSS
Cd
VDOUT
VDS
CIN= 1
∝F
(Ceramic)
V IN
A
VIN
VROUT
VSS
Cd
VDOUT
VDS
CIN= 1
∝F
(Ceramic)
V IN
A
VIN
VROUT
VSS
Cd
VDOUT
VDS
CIN= 1
∝F
(Ceramic)
V IN
A
VIN
VROUT
VSS
Cd
VDOUT
VDS
CIN= 1
∝F
(Ceramic)
V IN
A
XC6413/14F Series
●
Circuit 4
[VD Sense, VIN Type]
●
Circuit 5
[VD Sense, VIN Type]
[VD Sense, VROUT Type]
[VD Sense, VROUT Type]
■
TEST CIRCUITS (Continued)
CIN=1μF
(ceramic)
CIN=1μF
(ceramic)
CIN=1μF
(ceramic)
CIN=1μF
(ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com