Electronic Components Datasheet Search
  English  ▼

X  

ADS5282 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5282
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5282 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5282 Datasheet HTML 14Page - Texas Instruments ADS5282 Datasheet HTML 15Page - Texas Instruments ADS5282 Datasheet HTML 16Page - Texas Instruments ADS5282 Datasheet HTML 17Page - Texas Instruments ADS5282 Datasheet HTML 18Page - Texas Instruments ADS5282 Datasheet HTML 19Page - Texas Instruments ADS5282 Datasheet HTML 20Page - Texas Instruments ADS5282 Datasheet HTML 21Page - Texas Instruments ADS5282 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
www.ti.com
DESCRIPTION OF SERIAL REGISTERS
SOFTWARE RESET
POWER-DOWN MODES
LVDS DRIVE PROGRAMMABILITY
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
00
X
RST
Software reset is applied when the RST bit is set to '1'; setting this bit resets all internal registers and self-clears
to '0'.
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
X
X
X
X
X
X
X
X
PDN_CH<8:1>
X
PDN_PARTIAL
0F
0
X
PDN_COMPLETE
X
0
PDN_PIN_CFG
Each of the eight channels can be individually powered down. PDN_CH<N> controls the power-down mode for
the ADC channel <N>.
In addition to channel-specific power-down, the ADS528x also has two global power-down modes—partial
power-down mode and complete power-down mode. Partial power-down mode partially powers down the chip;
recovery from this mode is much quicker, provided that the clock has been running for at least 50
µs before
exiting this mode. Complete power-down mode, on the other hand, completely powers down the chip, and
involves a much longer recovery time.
In addition to programming the device for either of these two power-down modes (through either the
PDN_PARTIAL or PDN_COMPLETE bits, respectively), the PD pin itself can be configured as either a partial
power-down pin or a complete power-down pin control. For example, if PDN_PIN_CFG = 0 (default), when the
PD pin is high, the device enters complete power-down mode. However, if PDN_PIN_CFG = 1, when the PD pin
is high, the device enters partial power-down mode.
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
X
X
X
ILVDS_LCLK<2:0>
11
X
X
X
ILVDS_FRAME<2:0>
X
X
X
ILVDS_DAT<2:0>
The LVDS drive strength of the bit clock (LCLKP or LCLKN) and the frame clock (ADCLKP or ADCLKN) can be
individually programmed. The LVDS drive strengths of all the data outputs OUTP and OUTN can also be
programmed to the same value.
18
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com