Electronic Components Datasheet Search
  English  ▼

X  

ADS5282 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5282
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5282 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5282 Datasheet HTML 24Page - Texas Instruments ADS5282 Datasheet HTML 25Page - Texas Instruments ADS5282 Datasheet HTML 26Page - Texas Instruments ADS5282 Datasheet HTML 27Page - Texas Instruments ADS5282 Datasheet HTML 28Page - Texas Instruments ADS5282 Datasheet HTML 29Page - Texas Instruments ADS5282 Datasheet HTML 30Page - Texas Instruments ADS5282 Datasheet HTML 31Page - Texas Instruments ADS5282 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
www.ti.com
95
85
80
75
70
60
ClockDutyCycle(%)
35
65
50
45
40
55
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
90
60
65
95
85
80
75
70
60
ClockDutyCycle(%)
20
80
50
40
30
60
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
90
70
65
10
-
10
-
30
-
50
-
70
-
90
-
110
-
130
-
150
InputFrequency(MHz)
0
2
20
18
16
14
12
10
8
6
4
f =65MHz
f =10MHz( 7dBFS)
f =16.1MHz( 7dBFS)
IMD= 97dBFS
-
-
-
S
1
2
60
40
30
20
10
0
CodeBin(LSB)
2049
2052
2051
2050
2053
50
2054
f =65MSPS
S
0%
0%
0.37%
0.28%
51.92%
47.43%
0.5
0.4
0.3
0.2
0.1
0
-
0.1
-
0.2
-
0.5
Code(LSB)
0
4096
3072
2048
2560
1536
3584
1024
512
-
0.4
-
0.3
f =50MSPS
f
=5MHz
S
IN
0.35
0.25
0.15
0.05
-
0.05
-
0.15
-
0.35
Code(LSB)
0
4096
3072
2048
2560
1536
3584
1024
512
-
0.25
f =50MSPS
f
=5MHz
S
IN
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +3.3V, LVDD = 1.8V, clock frequency = 65MSPS, differential clock mode, 1VPP clock amplitude, 50%
clock duty cycle, input frequency = 10MHz, –1dBFS differential analog input, 0dB digital gain setting, 1.5V analog input
common-mode, low-frequency noise suppression = off, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer
current setting = 3.5mA, unless otherwise noted.
DYNAMIC PERFORMANCE vs CLOCK DUTY CYCLE, DCC
DYNAMIC PERFORMANCE vs CLOCK DUTY CYCLE, DCC
DISABLED
ENABLED
Figure 22.
Figure 23.
HISTOGRAM OF OUTPUT CODE FOR ZERO INPUT
INTERMODULATION DISTORTION
Figure 24.
Figure 25.
INTEGRAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
Figure 26.
Figure 27.
28
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com