Electronic Components Datasheet Search
  English  ▼

X  

ADS5282 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5282
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5282 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS5282 Datasheet HTML 26Page - Texas Instruments ADS5282 Datasheet HTML 27Page - Texas Instruments ADS5282 Datasheet HTML 28Page - Texas Instruments ADS5282 Datasheet HTML 29Page - Texas Instruments ADS5282 Datasheet HTML 30Page - Texas Instruments ADS5282 Datasheet HTML 31Page - Texas Instruments ADS5282 Datasheet HTML 32Page - Texas Instruments ADS5282 Datasheet HTML 33Page - Texas Instruments ADS5282 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
ANALOG INPUT
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
The ADC output goes to a serializer that operates
from a 12x clock generated by the PLL. The 12 data
bits from each channel are serialized and sent LSB
The ADS528x devices are a family of 8-channel,
first. In addition to serializing the data, the serializer
high-speed, CMOS ADCs. The 12 bits given out by
also generates a 1x clock and a 6x clock. These
each channel are serialized and sent out on a single
clocks are generated in the same way the serialized
pair of pins in LVDS format. All eight channels of the
data are generated, so these clocks maintain perfect
ADS528x operate from a single clock (ADCLK). The
synchronization with the data. The data and clock
sampling clocks for each of the eight channels are
outputs of the serializer are buffered externally using
generated from the input clock using a carefully
LVDS buffers. Using LVDS buffers to transmit data
matched clock buffer tree. The 12x clock required for
externally has multiple advantages, such as a
the serializer is generated internally from ADCLK
reduced number of output pins (saving routing space
using a phase-locked loop (PLL). A 6x and a 1x clock
on the board), reduced power consumption, and
are also output in LVDS format, along with the data,
reduced effects of digital noise coupling to the analog
to enable easy data capture. The ADS528x operates
circuit inside the ADS528x.
from internally-generated reference voltages that are
trimmed to improve to a high level of accuracy.
The ADS528x operates from two sets of supplies and
Trimmed references improve the gain matching
grounds. The analog supply and ground set is
across devices, and provide the option to operate the
identified as AVDD and AVSS, while the digital set is
devices without having to externally drive and route
identified by LVDD and LVSS.
reference lines. The nominal values of REFT and
REFB
are
2.5V
and
0.5V,
respectively.
The
references are internally scaled down differentially by
a factor of 2. This scaling results in a differential input
The analog input consists of a switched-capacitor
of –1V to correspond to the zero code of the ADC,
based, differential sample-and-hold architecture. This
and a differential input of +1V to correspond to the
differential
topology
results
in
very
good
ac
full-scale code (4095 LSB). VCM (the common-mode
performance even for high input frequencies at high
voltage of REFT and REFB) is also made available
sampling rates. The INN and INP pins must be
externally through a pin, and is nominally 1.5V.
externally biased around a common-mode voltage of
1.5V, available on VCM. For a full-scale differential
The ADC employs a pipelined converter architecture
input, each input pin (INN and INP) must swing
that consists of a combination of multi-bit and
symmetrically between VCM + 0.5V and VCM – 0.5V,
single-bit internal stages. Each stage feeds its data
resulting in a 2VPP differential input swing. The
into
the
digital
error
correction
logic,
ensuring
maximum input peak-to-peak differential swing is
excellent differential linearity and no missing codes at
determined to be the difference between the internal
the 12-bit level.
reference voltages REFT (2.5V nominal) and REFB
(0.5V nominal). Figure 34 illustrates the model of the
input driving circuit.
30
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com