Electronic Components Datasheet Search
  English  ▼

X  

ADS5281IPFP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFP
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFP Datasheet(HTML) 5 Page - Texas Instruments

  ADS5281IPFP Datasheet HTML 1Page - Texas Instruments ADS5281IPFP Datasheet HTML 2Page - Texas Instruments ADS5281IPFP Datasheet HTML 3Page - Texas Instruments ADS5281IPFP Datasheet HTML 4Page - Texas Instruments ADS5281IPFP Datasheet HTML 5Page - Texas Instruments ADS5281IPFP Datasheet HTML 6Page - Texas Instruments ADS5281IPFP Datasheet HTML 7Page - Texas Instruments ADS5281IPFP Datasheet HTML 8Page - Texas Instruments ADS5281IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
Typical values at +25
°C. Minimum and maximum values are measured across the specified temperature range of T
MIN =
–40
°C to T
MAX = +85°C, AVDD = 3.3V, LVDD = 1.8V, clock frequency = 10MSPS to 65MSPS, 50% clock duty cycle, –1dBFS
differential analog input, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer current setting = 3.5mA, unless
otherwise noted.
ADS528x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE VOLTAGES
VREFB
Reference bottom
0.5
V
VREFT
Reference top
2.5
V
VREFT – VREFB
1.95
2.0
2.05
V
VCM
Common-mode voltage (internal)
1.425
1.5
1.575
V
VCM output current
±2
mA
EXTERNAL REFERENCE VOLTAGES
VREFB
Reference bottom
0.4
0.5
0.6
V
VREFT
Reference top
2.4
2.5
2.6
V
VREFT – VREFB
1.9
2.0
2.1
V
ANALOG INPUT
Differential input voltage range
2.0
VPP
Differential input capacitance
3
pF
Analog input bandwidth
520
MHz
Analog input common-mode range
DC Coupled Input
VCM ± 0.05
V
Per input pin per MSPS of sampling
µA/MHz
Analog input common-mode current
2.5
speed
per pin
Recovery from 6dB overload to within 1%
Voltage overload recovery time
1
Clock cycle
accuracy
Standard deviation seen on a periodic
Voltage overload recovery repeatability
first data within full-scale range in a 6dB
1
LSB
overloaded sine wave
DC ACCURACY
Offset error
–1.25
±0.2
+1.25
%FS
Offset error temperature coefficient(2)
±5
ppm/
°C
Channel gain error
Excludes error in internal reference
–0.8
%FS
Channel gain error temperature
Excludes temperature coefficient of
±10
ppm/
°C
coefficient
internal reference
Internal reference error temperature
±15
ppm/
°C
coefficient(3)
DC PSRR
DC power-supply rejection ratio(4)
1.5
mV/V
POWER-DOWN MODES
Power in complete power-down mode
45
mW
Power in partial power-down mode
Clock at 65MSPS
135
mW
Power with no clock
88
mW
DYNAMIC PERFORMANCE
5MHz full-scale signal applied to 7
Crosstalk
channels, measurement taken on channel
–90
dBc
with no input signal
Two-tone, third-order intermodulation
f1 = 9.5MHz at –7dBFs
–92
dBFS
distortion
f2 = 10.2MHz at –7dBFs
(1)
All characteristics are common for the ADS528x family.
(2)
The offset temperature coefficient in ppm/
°C is defined as (O
1 – O2) × 10
6/(T
1 – T2)/4096, where O1 and O2 are the offset codes in LSB
at the two extreme temperatures, T1 and T2.
(3)
The internal reference temperature coefficient is defined as (REF1 – REF2) × 10
6/(T
1 – T2)/2, where REF1 and REF2 are the internal
reference voltages (REFT – REFB) at the two extreme temperatures, T1 and T2.
(4)
DC PSRR is defined as the ratio of the change in the ADC output (expressed in mV) to the change in supply voltage (in volts).
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com