Electronic Components Datasheet Search
  English  ▼

X  

ADS5281IPFP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFP
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5281IPFP Datasheet HTML 15Page - Texas Instruments ADS5281IPFP Datasheet HTML 16Page - Texas Instruments ADS5281IPFP Datasheet HTML 17Page - Texas Instruments ADS5281IPFP Datasheet HTML 18Page - Texas Instruments ADS5281IPFP Datasheet HTML 19Page - Texas Instruments ADS5281IPFP Datasheet HTML 20Page - Texas Instruments ADS5281IPFP Datasheet HTML 21Page - Texas Instruments ADS5281IPFP Datasheet HTML 22Page - Texas Instruments ADS5281IPFP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
www.ti.com
LVDS INTERNAL TERMINATION PROGRAMMABILITY
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
All three drive strengths (bit clock, frame clock, and data) are programmed using sets of three bits. Table 4
shows an example of how the drive strength of the bit clock is programmed (the method is similar for the frame
clock and data drive strengths).
Table 4. Bit Clock Drive Strength(1)
ILVDS_LCLK<2>
ILVDS_LCLK<1>
ILVDS_LCLK<0>
LVDS DRIVE STRENGTH FOR LCLKP AND LCLKN
0
0
0
3.5mA (default)
0
0
1
2.5mA
0
1
0
1.5mA
0
1
1
0.5mA
1
0
0
7.5mA
1
0
1
6.5mA
1
1
0
5.5mA
1
1
1
4.5mA
(1)
Current settings lower than 1.5mA are not recommended.
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
X
EN_LVDS_TERM
1
X
X
X
TERM_LCLK<2:0>
12
1
X
X
X
TERM_FRAME<2:0>
1
X
X
X
TERM_DAT<2:0>
The LVDS buffers have high-impedance current sources driving the outputs. When driving traces whose
characteristic impedance is not perfectly matched with the termination impedance on the receiver side, there may
be reflections back to the LVDS output pins of the ADS528x that cause degraded signal integrity. By enabling an
internal termination (between the positive and negative outputs) for the LVDS buffers, the signal integrity can be
significantly improved in such scenarios. To set the internal termination mode, the EN_LVDS_TERM bit should
be set to '1'. Once this bit is set, the internal termination values for the bit clock, frame clock, and data buffers
can be independently programmed using sets of three bits. Table 5 shows an example of how the internal
termination of the LVDS buffer driving the bit clock is programmed (the method is similar for the frame clock and
data drive strengths). These termination values are only typical values and can vary by up to ±20% across
temperature and from device to device.
Table 5. Bit Clock Internal Termination
INTERNAL TERMINATION BETWEEN
TERM_LCLK<2>
TERM_LCLK<1>
TERM_LCLK<0>
LCLKP AND LCLKN IN Ω
0
0
0
None
0
0
1
260
0
1
0
150
0
1
1
94
1
0
0
125
1
0
1
80
1
1
0
66
1
1
1
55
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com