Electronic Components Datasheet Search
  English  ▼

X  

ADS5281IPFP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFP
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFP Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS5281IPFP Datasheet HTML 25Page - Texas Instruments ADS5281IPFP Datasheet HTML 26Page - Texas Instruments ADS5281IPFP Datasheet HTML 27Page - Texas Instruments ADS5281IPFP Datasheet HTML 28Page - Texas Instruments ADS5281IPFP Datasheet HTML 29Page - Texas Instruments ADS5281IPFP Datasheet HTML 30Page - Texas Instruments ADS5281IPFP Datasheet HTML 31Page - Texas Instruments ADS5281IPFP Datasheet HTML 32Page - Texas Instruments ADS5281IPFP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
www.ti.com
0.75
0.55
0.35
0.15
-
0.05
-
0.25
-
0.65
Code(LSB)
0
4096
3072
2048
2560
1536
3584
1024
512
-
0.45
f =65MSPS
f
=5MHz
S
IN
0.35
0.25
0.15
0.05
-
0.05
-
0.15
-
0.35
Code(LSB)
0
4096
3072
2048
2560
1536
3584
1024
512
-
0.25
f =65MSPS,f
=5MHz
S
IN
170
130
110
90
70
30
ClockFrequency(MSPS)
5
75
35
25
15
45
ILVDD
IAVDD
ZeroInputonAllChannels
InternalReferenceMode
150
55
50
65
0.70
0.68
0.66
0.64
0.62
0.60
0.58
0.56
0.54
0.52
0.50
0
1
2
3
4
5
6
OverloadSignalAmplitude(dBFS)
f =50MSPS
f
=5MHz
S
IN
StandardDeviationof
2ndPointAfterOverload
StandardDeviationof
1stPointAfterOverload
t
S
16384t (Group1)
S
Set1,Point1(of16)
Set1,Point2(of16)
Firstpointafteroverload(Set1)
Firstpointafteroverload(Set2)
Secondpointafteroverload(Set2)
Secondpointafteroverload(Set1)
Overload
Amplitude
NOTES:
Inputsinewavephaseisrepetitiveover16384clockcycles.
16suchrepetitivegroups(of16384clockcycles)arecaptured–atotalof262,144points.
Standarddeviationofeverysetof
areanalyzedoverthe16groups.
Worstcaseofallsuchstandarddeviationsareplottedinthegraphs.
firstandsecondpointsafteroverload
+FS
-
FS
0.64
0.62
0.60
0.58
0.56
0.54
0.52
0
1
2
3
4
5
6
OverloadSignalAmplitude(dBFS)
f =65MSPS
f
=5MHz
S
IN
StandardDeviationof
2ndPointAfterOverload
StandardDeviationof
1stPointAfterOverload
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +3.3V, LVDD = 1.8V, clock frequency = 65MSPS, differential clock mode, 1VPP clock amplitude, 50%
clock duty cycle, input frequency = 10MHz, –1dBFS differential analog input, 0dB digital gain setting, 1.5V analog input
common-mode, low-frequency noise suppression = off, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer
current setting = 3.5mA, unless otherwise noted.
INTEGRAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
Figure 28.
Figure 29.
AVDD AND LVDD POWER-SUPPLY CURRENTS
vs CLOCK FREQUENCY
OVERLOAD RECOVERY AT 50MSPS
Figure 30.
Figure 31.
OVERLOAD RECOVERY AT 65MSPS
Figure 32.
Figure 33. Overload Recovery
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com