Electronic Components Datasheet Search
  English  ▼

X  

K14540KB Datasheet(PDF) 1 Page - Carl Kammerling International Limited

Part # K14540KB
Description  Marine Padlocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited

K14540KB Datasheet(HTML) 1 Page - Carl Kammerling International Limited

  K14540KB Datasheet HTML 1Page - Carl Kammerling International Limited K14540KB Datasheet HTML 2Page - Carl Kammerling International Limited K14540KB Datasheet HTML 3Page - Carl Kammerling International Limited K14540KB Datasheet HTML 4Page - Carl Kammerling International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Copyright Carl Kammerling International Ltd
PRODUCT SPECIFICATION
Brand
KASP
Product Range
Marine Padlocks
Catalogue number
145
Date
Range Description
Marine grade chrome plated brass padlocks with 316 Stainless
Steel Shackle. Open, Long shackle and Keyed Alike variants.
Features
The 145 Marine padlock has been designed and
manufactured to the highest standards to offer a secure
padlock with exceptional weather resistance. The mirror
chromed solid brass body, rust free internal components,
316 stainless steel shackle and rubber shackle seal
combine to provide corrosion resistance in the most extreme
environments.
Security is paramount, with a double bolted shackle to resist
torsion/pull attack and a 5 pin anti-pick cylinder designed to
withstand manipulation.
Range includes 40 and 50mm in standard and long shackle,
both keyed to differ and keyed alike.
 Marine grade 316 Stainless Steel Shackle – marine and
food grade stainless steel for 100% weather protection,
tested to ISO 9227
 Mirror chromed brass padlock – superior corrosion
resistance
 Rubber shackle seal to further protect the cylinder from
water ingress
 Rust free internal components of stainless steel and brass
– extra resistance to corrosion
 Double bolted Locking Mechanism – extra strength to
resist torsion and pull attacks
 5 pin cylinder with anti-pick mushroom pin - extra
protection against picking
 Paracentric keyway - extra protection against manipulation
 Weather rating: 3
Derivatives
 Long shackle – provides greater shackle clearance for
versatility
 Keyed alike – convenience of having only one key for
multiple locks
2 Keys are supplied with each padlock


Similar Part No. - K14540KB

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
K145 FOX-K145 Datasheet
309Kb / 3P
4.1 x 1.5mm SMD Tuning Fork
logo
Sanyo Semicon Device
K1450 SANYO-K1450 Datasheet
92Kb / 3P
Very High-Speed Switching Applications
logo
MTRONPTI
K1450A MTRONPTI-K1450A Datasheet
279Kb / 2P
5V Crystal Clock Oscillators
K1450AM MTRONPTI-K1450AM Datasheet
279Kb / 2P
5V Crystal Clock Oscillators
logo
Sanyo Semicon Device
K1459 SANYO-K1459 Datasheet
100Kb / 3P
Ultrahigh-Speed Switching Applications
More results

Similar Description - K14540KB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-M59 ETC-IC-M59 Datasheet
545Kb / 36P
VHF MARINE TRANSCEIVER
logo
Chicago Miniature Lamp,...
CM449X12V CML-CM449X12V Datasheet
221Kb / 1P
Marine Halogen Lamp
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
Ideal for marine applications
logo
PANDUIT CORP.
PSL-6 PANDUIT-PSL-6 Datasheet
73Kb / 1P
Laminated Steel Padlocks
PSL-8 PANDUIT-PSL-8 Datasheet
64Kb / 2P
Non-Conductive Lockout Padlocks
logo
Taoglas antenna solutio...
IMA01105111 TAOGLAS-IMA01105111 Datasheet
1Mb / 12P
External Iridium Marine Antenna
logo
Moxa Inc.
MD-219 MOXA-MD-219 Datasheet
881Kb / 5P
19-inch marine display
logo
GS Yuasa Battery Sales ...
GS-M31-100S GSYUASABATTERY-GS-M31-100S Datasheet
486Kb / 1P
GS Marine Battery
GS-M31-EFB GSYUASABATTERY-GS-M31-EFB Datasheet
294Kb / 1P
GS Marine Battery
logo
Littelfuse
M-489 LITTELFUSE-M-489 Datasheet
441Kb / 1P
MARINE IGNITION SWITCHES
2019 Rev: 021119
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com