Electronic Components Datasheet Search
  English  ▼

X  

K14540KB Datasheet(PDF) 3 Page - Carl Kammerling International Limited

Part # K14540KB
Description  Marine Padlocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited

K14540KB Datasheet(HTML) 3 Page - Carl Kammerling International Limited

  K14540KB Datasheet HTML 1Page - Carl Kammerling International Limited K14540KB Datasheet HTML 2Page - Carl Kammerling International Limited K14540KB Datasheet HTML 3Page - Carl Kammerling International Limited K14540KB Datasheet HTML 4Page - Carl Kammerling International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Copyright Carl Kammerling International Ltd
Shackle Dimensions:
Shackle
Body
Dimensions mm
Dia
Internal
height
Width
Depth
K14540D
6.35
22
40
14.5
K14550D
8
28
50
17
K14540L50D
6.35
50
40
14.5
K14550L63D
8
63
50
17
Use environment- Harsh environmental use and Marine situations
Recommended applications- cabinets, gates, sheds, garages, shutters,
particularly in outdoor situations especially in areas susceptible to sea salt spray.
Recommended maintenance- Periodically lubricate lock mechanism with
graphite or light oil
Standards compliance
None applicable
User health and safety
information
None applicable
RoHS/WEEE
compliance
This product range does not fall within the scope of RoHS or WEEE
regulations
Material safety data
None applicable
Warranty
KASP padlocks are guaranteed against defects in manufacture and/or
materials for 10 years
Damage caused through inappropriate use or attempted break in is not
covered
Country of origin
China
Dimensional details
Product only
Product on primary packaging
Item
Width mm
Depth mm
Height mm
Net weight
g
Width mm
Depth mm
Height mm
Gross
weight g
K14540D
40
14.5
62.35
157
116
172
K14550D
50
17
76.6
278
116
172
K14540A1
40
14.5
62.35
157
4.5
2
6.5
K14550A1
50
17
76.6
278
5
2
9
K14540L50D
40
14.5
90.35
172
116
172
K14550L63D
50
17
111.6
305
116
172
K14540L50A1
40
14.5
90.35
172
4.5
2
11
K14550L63A1
50
17
111.6
305
5
2
13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com