Electronic Components Datasheet Search
  English  ▼

X  

K14540KB Datasheet(PDF) 2 Page - Carl Kammerling International Limited

Part # K14540KB
Description  Marine Padlocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited

K14540KB Datasheet(HTML) 2 Page - Carl Kammerling International Limited

  K14540KB Datasheet HTML 1Page - Carl Kammerling International Limited K14540KB Datasheet HTML 2Page - Carl Kammerling International Limited K14540KB Datasheet HTML 3Page - Carl Kammerling International Limited K14540KB Datasheet HTML 4Page - Carl Kammerling International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright Carl Kammerling International Ltd
Item Number
Item Description
EAN No
Commodity
code
Carton
Qty
K14540D
145 Marine Padlock 40mm
5013969244809
83011000
12
K14550D
145 Marine Padlock 50mm
5013969244816
83011000
10
K14540A1
145 Marine Padlock 40mm Keyed Alike K45401
5013969244823
83011000
12
K14550A1
145 Marine Padlock 50mm Keyed Alike K45501
5013969244830
83011000
10
K14540L50D
145 Marine Padlock 40x50mm
5013969244847
83011000
10
K14550L63D
145 Marine Padlock 50x63mm
5013969244854
83011000
10
K14540L50A1
145 Marine Padlock 40x50mm Keyed Alike K45401
5013969244861
83011000
10
K14550L63A1
145 Marine Padlock 50x63mm Keyed Alike K45501
5013969244878
83011000
10
K14540KB
145 Key Blank 40mm
83017000
200
K14550KB
145 Key Blank 50mm
83017000
200
K145KC
145 Series Cut Key
83017000
Technical product
information
Body
– Brass, Mirror Chrome plated
Shackle - 316 Stainless Steel
Locking mechanism- Pin tumbler cylinder type, 5 pin cylinder, Brass pins
and stainless steel springs, 5 anti-pick mushroom pins.
Key differs
– 2083
Re-keyable
– No
Key Retaining - No
Security rating:
Type
Security
rating
K14540D
5
K14550D
7
K14540L50D
5
K14550L63D
7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com