Electronic Components Datasheet Search
  English  ▼

X  

591 12 Datasheet(PDF) 8 Page - Legrand North America, LLC

Part # 591 12
Description  IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

591 12 Datasheet(HTML) 8 Page - Legrand North America, LLC

Back Button 591 12 Datasheet HTML 4Page - Legrand North America, LLC 591 12 Datasheet HTML 5Page - Legrand North America, LLC 591 12 Datasheet HTML 6Page - Legrand North America, LLC 591 12 Datasheet HTML 7Page - Legrand North America, LLC 591 12 Datasheet HTML 8Page - Legrand North America, LLC 591 12 Datasheet HTML 9Page - Legrand North America, LLC 591 12 Datasheet HTML 10Page - Legrand North America, LLC 591 12 Datasheet HTML 11Page - Legrand North America, LLC 591 12 Datasheet HTML 12Page - Legrand North America, LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8/14
3. DIMENSIONS (continued)
Simple plastic/metal box for panel mounting sockets
LV and ELV 16/32A.
Cat. Nos. : 519 XX - 520 XX - 521 XX - 522 XX - 523 XX - 524 XX
525 XX - 527 XX - 528 XX - 529 XX - 535 XX - 536 XX
537 XX - 538 XX - 539 XX - 591 XX
IP 44 and IP 66/67 plugs, mobile sockets,
socket outlets and appliance inlets
Plastic boxes fitted with 2
connected earth terminals
Metal boxes fitted with :
• 2 connected earth
terminals ans 1 outside
terminal.
• 1 sleeve for metal socket’s
ground pin.
D
F
XZ
B
X
E
I
G
5
K
Y
Y
Y
J
X
Reversible
boxes
Material
Wt
Fixings
Dimensions
Panel-mounted
(kg)
ABHCD
E
F
G
I
J
K
X
Y
Z
sockets
16 A
2 P +
T
Plastic 0.330
145 74 5.3 182 86 22 34 75
4
-
-
- M 20
-
Metal
0.830
3 P +
T
Plastic 0.440
175 88 5.3 212 100 22 40 77
4
-
-
- M 20
-
Metal
0.980
3 P + N +
T
Plastic 0.440
175 88 5.3 212 100 22 40 77
4
-
-
- M 20
-
Metal
0.980
32 A
2 P +
T
Plastic 0.670
234 117 5.3 270 130 30 50 110 4
-
-
- M 25
-
Metal
1.730
3 P +
T
Plastic 0.670
234 117 5.3 270 130 30 50 110 4
-
-
- M 25
-
Metal
1.730
3 P + N +
T
Plastic 0.670
234 117 5.3 270 130 30 50 110 4
-
-
- M 25
-
Metal
1.730
63 A
2 P +
T
Plastic 2.000
260
152
6.3 300 170 40
-
150 8
50 70 M 32 -
M 20
Metal
4.300
157
3 P +
T
Plastic 2.000
260
152
6.3 300 170 40
-
150 8
50 70 M 32 -
M 20
Metal
4.300
157
3 P + N +
T
Plastic 2.000
260
152
6.3 300 170 40
-
150 8
50 70 M 32 -
M 20
Metal
4.300
157
➞
3. DIMENSIONS (continued)
Metal or plastic through wiring box for 16/32/63A panel mounting
socket
Technical sheet : F00138EN/01
Updated : 05/03/2007
Created : 22/01/2004
B
A
P.E.
D
4
5°
E
A1
Ø d
LV 32 A
LV 16 A, ELV 16 and 32 A
B
A
D
4
5°
E
P.E.
Reversible
boxes
Material
Weight
Fixing
Dimensions (mm)
P.E.
Panel-mounted
(kg)
A1 A2 Ød
A
A3 ØT
B
C
D
E
sockets
IP 44 - LV 16 A
IP 44 - LV 32 A
IP 44 - ELV 16 A / 32 A
2P+E
Plastic 0.115
51
68 4.2 64
-
5.3 74 106 58
20
M 20
Metal
0.400
➞
3P+E
Plastic 0.160
Metal
0.520
68
68 4.2 85
-
5.3 96 122 60
22
M 20
0.160
0.520
68
68 4.2 85
-
5.3 96 122 60
22
M 20
3P+E+N
Plastic
Metal
2P+E
Plastic 0.340
Metal
0.910
5.3
125
90
102 162 90
26
M 25
5.3
125
90
102 162 90
26
M 25
5.3
125
90
102 162 90
26
M 25
Plastic 0.115 51
68 4.2 64
-
5.3 74 106 58
20
M 25
3P+E
Plastic 0.340
Metal
0.910
3P+E+N
2P
Plastic 0.340
Metal
0.910
-
-
-
-
-
-
-
-
-
Fix A1 and A2
Blind optional fixing points Metal
boxes fitted with :
• 2 connected earth terminals and
1 outside terminal.
• 1 sleeve for metal socket’s
ground pin.
Blind optional fixing points
Metal boxes fitted with :
• 2 connected earth
terminals and 1 outside
terminal.
• 1 sleeve for metal socket’s
ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com