Electronic Components Datasheet Search
  English  ▼

X  

591 12 Datasheet(PDF) 2 Page - Legrand North America, LLC

Part # 591 12
Description  IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

591 12 Datasheet(HTML) 2 Page - Legrand North America, LLC

  591 12 Datasheet HTML 1Page - Legrand North America, LLC 591 12 Datasheet HTML 2Page - Legrand North America, LLC 591 12 Datasheet HTML 3Page - Legrand North America, LLC 591 12 Datasheet HTML 4Page - Legrand North America, LLC 591 12 Datasheet HTML 5Page - Legrand North America, LLC 591 12 Datasheet HTML 6Page - Legrand North America, LLC 591 12 Datasheet HTML 7Page - Legrand North America, LLC 591 12 Datasheet HTML 8Page - Legrand North America, LLC 591 12 Datasheet HTML 9Page - Legrand North America, LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2. RANGE
• IP44
Panel mounting sockets
Note : Use a pilot wire in 63 A
2/14
1. GENERAL CHARACTERISTICS (continued)
Socket outlet and box
The panel-mounted socket outlet may be installed directly on a wall of
a box or enclosure, after the cut-out or drill hole has been made.
It comes with a flat seal whose dimensions allow the weatherproofint
to be maintained with the enclosure to which it is fixed.
Surface-mounted socket outlet assembled from panel-mounted socket
and box (simple power supply or through wiring).
Some 63A and 125A surface mounting sockets are delivred already
fitted.
Box for surface mounting installation
Most of the boxes are reversible, what this allows the wire to enter
and /or leave upward or below..
In order to facilitate the installion of these boxes, the fixing centres are
engraved on the back of the box.
Cat. Nos. : 519 XX - 520 XX - 521 XX - 522 XX - 523 XX - 524 XX
525 XX - 527 XX - 528 XX - 529 XX - 535 XX - 536 XX
537 XX - 538 XX - 539 XX - 591 XX
IP 44 and IP 66/67 plugs, mobile sockets,
socket outlets and appliance inlets
Three terminals
for protective
conductors on a
Hypra metal box
IMPORTANT :
The metal boxes with through wiring are fitted with three terminals for
protective conductors :
- One is for the protective conductor coming from the power supply.
- The second is for a branch connection with a protective conductor
intended for another use.
- The third is intended to be connected to the socket outlet (plug sup-
plied).
16A
Metal
Plastic
Plastic
16A
16A
32A
16A
16A
32A
32A
63A
63A
32A
32A
2P
524 01
3P
524 02
2P
525 01
3P
525 02
2P
524 03
3P
524 04
2P
525 03
3P
525 04
2P
524 05
2P
525 05
2P+E
519 20
519 19
2P+E
519 21
2P+E
535 22
3P+E
520 33
520 23
520 19
3P+E
520 34
520 24
520 20
2P+E
527 32
527 18
3P+E
527 33
527 19
3P+E
527 34
527 20
2P+E
536 32
536 22
3P+E
536 23
3P+E
536 24
2P+E
522 32
522 22
522 18
3P+E
522 33
522 23
522 19
3P+E
522 34
522 24
522 20
2P+E
529 32
529 18
3P+E
529 33
529 19
3P+E
529 34
529 20
3P+E
538 33
538 23
3P+E
538 34
538 24
3P+E
523 20
523 19
3P+E
523 59
2P+E
520 32
520 22
520 18
inclined panel
mounting sockets
panel
mounting
sockets
(70x70)
16A
16A
32A
32A
63A
Technical sheet : F00138EN/01
Updated : 05/03/2007
Created : 22/01/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com