Electronic Components Datasheet Search
  English  ▼

X  

591 12 Datasheet(PDF) 1 Page - Legrand North America, LLC

Part # 591 12
Description  IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

591 12 Datasheet(HTML) 1 Page - Legrand North America, LLC

  591 12 Datasheet HTML 1Page - Legrand North America, LLC 591 12 Datasheet HTML 2Page - Legrand North America, LLC 591 12 Datasheet HTML 3Page - Legrand North America, LLC 591 12 Datasheet HTML 4Page - Legrand North America, LLC 591 12 Datasheet HTML 5Page - Legrand North America, LLC 591 12 Datasheet HTML 6Page - Legrand North America, LLC 591 12 Datasheet HTML 7Page - Legrand North America, LLC 591 12 Datasheet HTML 8Page - Legrand North America, LLC 591 12 Datasheet HTML 9Page - Legrand North America, LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
87045 LIMOGES Cedex
Telephone : + 33 5 55 06 87 87 - Fax : + 33 5 55 06 88 88
Cat. Nos. : 519 XX - 520 XX - 521 XX - 522 XX - 523 XX - 524 XX
525 XX - 527 XX - 528 XX - 529 XX - 535 XX - 536 XX
537 XX - 538 XX - 539 XX - 591 XX
IP 44 and IP 66/67 plugs, mobile sockets,
socket outlets and appliance inlets
Plugs and mobile sockets
- Plastic in ELV
- Plastic, metal, rubber in 16/32 IP44
- Plastic, rubber in 63A IP44
- Plastic in 63A/25A IP66/67
- Accept various types of Ø of cable thanks to the cut-out seal ring
provided with cable gland.
1. GENERAL CHARACTERISTICS
Three materials available : metal, plastic, rubber
16 to 63 A IP 44
Integrated cable gland on the entire range IP66/67 from 63A to 125A.
Captive slotted connecting screws
Captive external screws, stainless steel
Direct through connection range, facilitating the replacement of the old
Martin Lunel stock.
Nickel-plated brass pins and contact sleeves.
Stainless steel
captive screws,
nickel-plated
brass pins and
contact tubes
Guaranteed
weatherproof due
to integrated
cable gland
Secure cable clamping is guaranteed by
the powerful, uniform grip provided by two
half clamps around the entire outside of
the cable.
Technical sheet : F00138EN/01
Updated : 05/03/2007
Created : 22/01/2004
CONTENTS
Page
1. General characteristics . . . . . . . . .1 to 2
2. Range . . . . . . . . . . . . . . . . . . . . . .2 to 6
3. Dimensions . . . . . . . . . . . . . . . . .6 to 12
4. Technical characteristics . . . . . . .6 to 7
5. Connection capacity . . . . . . . . . . .6 to 7
6. Wiring diagram . . . . . . . . . . . . . .8 to 12
7. Standards, decree . . . . . . . . . . . . . . .14
8. Accessories . . . . . . . . . . . . . . . . . . . .14
Angled
plug
Straight
plug
Flexible cable
Panel-mounted socket
Mobile
socket
Box
Appliance
Source
Mobile
socket
Socket
Extension
Extension
Connector
Appliance
inlet
Box
femelle
mâle


Similar Part No. - 591 12

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
591 ADAFRUIT-591 Datasheet
161Kb / 2P
Adafruit Perma-Proto Super Pack!
7/22/2015
logo
Dialight Corporation
591-2001-002 DIALIGHT-591-2001-002 Datasheet
151Kb / 1P
SURFACE MOUNT CBI - ROUND LENS
591-2001-002 DIALIGHT-591-2001-002 Datasheet
1Mb / 16P
Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
591-2001-002 DIALIGHT-591-2001-002 Datasheet
29Kb / 2P
3mm Prism CBI Circuit Board Indicator
591-2001-002F DIALIGHT-591-2001-002F Datasheet
1Mb / 16P
Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
More results

Similar Description - 591 12

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0032 MOLEXKITS-76650-0032 Datasheet
39Kb / 3P
Dual Row Sealed Plug and Receptacle, IP-67
76650-0144 MOLEXKITS-76650-0144 Datasheet
39Kb / 3P
Circular Sealed Plug and Receptacle, IP-67
76650-0152 MOLEXKITS-76650-0152 Datasheet
39Kb / 3P
Dual Row Panel Mount Sealed Plug and Receptacle, IP-67
logo
List of Unclassifed Man...
09674095615 ETC2-09674095615 Datasheet
665Kb / 26P
Waterproof subminiature D IP 67 connectors
logo
Switchcraft, Inc.
DCCHD15F SWITCH-DCCHD15F Datasheet
1Mb / 2P
Sealed D-sub (IP-67)
logo
Laird Tech Smart Techno...
TRA3513 LSTD-TRA3513 Datasheet
528Kb / 2P
Rugged design is IP-67 rated
logo
Schurter Inc.
CAPSTOFUL SCHURTER-CAPSTOFUL Datasheet
222Kb / 2P
Caps to Holder FUL (IP 67)
19.08.2020
CAPSTOFUL SCHURTER-CAPSTOFUL_V01 Datasheet
221Kb / 2P
Caps to Holder FUL (IP 67)
04.01.2022
logo
ETA-USA
HZD500-12SX ETA-USA-HZD500-12SX Datasheet
292Kb / 5P
IP 67 Outdoor/ With Mountable Heatsink
logo
FIBOX Enclosing innovat...
3541564 FIBOX-3541564 Datasheet
42Kb / 1P
Ventilation device IP 44
17.08.2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com