Electronic Components Datasheet Search
  English  ▼

X  

PIC16F527 Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC16F527
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F527 Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC16F527 Datasheet HTML 31Page - Microchip Technology PIC16F527 Datasheet HTML 32Page - Microchip Technology PIC16F527 Datasheet HTML 33Page - Microchip Technology PIC16F527 Datasheet HTML 34Page - Microchip Technology PIC16F527 Datasheet HTML 35Page - Microchip Technology PIC16F527 Datasheet HTML 36Page - Microchip Technology PIC16F527 Datasheet HTML 37Page - Microchip Technology PIC16F527 Datasheet HTML 38Page - Microchip Technology PIC16F527 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 35
PIC16F527
7.2
Prescaler
An 8-bit counter is available as a prescaler for the Tim-
er0 module or as a postscaler for the Watchdog Timer
(WDT), respectively (see Section 8.7 “Watchdog
Timer (WDT)”). For simplicity, this counter is being
referred to as “prescaler” throughout this data sheet.
The PSA and PS<2:0> bits of the OPTION register
determine prescaler assignment and prescale ratio.
When assigned to the Timer0 module, all instructions
writing to the TMR0 register (e.g., CLRF TMR0,
MOVWF TMR0, etc.) will clear the prescaler. When
assigned to WDT, a CLRWDT instruction will clear the
prescaler along with the WDT. The prescaler is neither
readable nor writable. On a Reset, the prescaler
contains all ‘0’s.
7.2.1
SWITCHING PRESCALER
ASSIGNMENT
The prescaler assignment is fully under software
control (i.e., it can be changed “on-the-fly” during
program execution). To avoid an unintended device
Reset, the following instruction sequence
(see
Example 7-1) must be executed when changing the
prescaler assignment from Timer0 to the WDT.
EXAMPLE 7-1:
CHANGING PRESCALER
(TIMER0
WDT)
To change the prescaler from the WDT to the Timer0
module, use the sequence shown in Example 7-2. This
sequence must be used even if the WDT is disabled. A
CLRWDT instruction should be executed before
switching the prescaler.
EXAMPLE 7-2:
CHANGING PRESCALER
(WDT
TIMER0)
Note:
The prescaler may be used by either the
Timer0 module or the WDT, but not both.
Thus, a prescaler assignment for the
Timer0 module means that there is no
prescaler for the WDT and vice versa.
CLRWDT
;Clear WDT
CLRF
TMR0
;Clear TMR0 & Prescaler
MOVLW
b'00xx1111'
CLRWDT
;PS<2:0> are 000 or 001
MOVLW
b'00xx1xxx' ;Set Postscaler to
OPTION
;desired WDT rate
CLRWDT
;Clear WDT and
;prescaler
MOVLW
b'xxxx0xxx' ;Select TMR0, new
;prescale value and
;clock source
OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com