Electronic Components Datasheet Search
  English  ▼

X  

PIC16F527 Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC16F527
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F527 Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC16F527 Datasheet HTML 44Page - Microchip Technology PIC16F527 Datasheet HTML 45Page - Microchip Technology PIC16F527 Datasheet HTML 46Page - Microchip Technology PIC16F527 Datasheet HTML 47Page - Microchip Technology PIC16F527 Datasheet HTML 48Page - Microchip Technology PIC16F527 Datasheet HTML 49Page - Microchip Technology PIC16F527 Datasheet HTML 50Page - Microchip Technology PIC16F527 Datasheet HTML 51Page - Microchip Technology PIC16F527 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 134 page
background image
PIC16F527
DS40001652C-page 48
 2012-2014 Microchip Technology Inc.
8.9
Brown-out Reset (BOR)
A brown-out is a condition where device power (VDD)
dips below its minimum value, but not to zero, and
then recovers. The device should be reset in the event
of a brown-out. The Brown-out Reset feature is
enabled by the BOREN Configuration bit.
If VDD falls below VBOR for greater than parameter
(TBOR) (see Figure 8-12), the brown-out situation will
reset the device. This will occur regardless of VDD slew
rate. A Reset is not insured to occur if VDD falls below
VBOR for less than parameter (TBOR).
Please see Section 15.0 “Electrical Characteristics”
for the VBOR specification and other parameters shown
in Figure 8-12.
On any Reset (Power-on, Brown-out Reset, Watchdog
Timer, etc.), the chip will remain in Reset until VDD rises
above VBOR (see Figure 8-12). If enabled, the Device
Reset Timer will now be invoked, and will keep the chip
in Reset an additional 18 ms.
If VDD drops below VBOR while the Device Reset Timer
is running, the chip will go back into a Brown-out Reset
and the Device Reset Timer will be re-initialized. Once
VDD rises above VBOR, the Device Reset Timer will
execute a 18 ms Reset.
FIGURE 8-12:
BROWN-OUT RESET TIMING AND CHARACTERISTICS
FIGURE 8-13:
BROWN-OUT SITUATIONS
Note:
The Device Reset Timer is enabled by the
DRTEN bit in the Configuration Word
register.
VBOR
VDD
(Device in Brown-out Reset)
(Device not in Brown-out Reset)
TDRT
TBOR
Reset
(due to BOR)
VBOR + VHYST
18 ms
VBOR
VDD
Internal
Reset
VBOR
VDD
Internal
Reset
18 ms
< 18 ms
18 ms
VBOR
VDD
Internal
Reset
(DRTEN = 1)
(DRTEN = 1)
(DRTEN = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com