Electronic Components Datasheet Search
  English  ▼

X  

PIC16F527 Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F527
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F527 Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F527 Datasheet HTML 93Page - Microchip Technology PIC16F527 Datasheet HTML 94Page - Microchip Technology PIC16F527 Datasheet HTML 95Page - Microchip Technology PIC16F527 Datasheet HTML 96Page - Microchip Technology PIC16F527 Datasheet HTML 97Page - Microchip Technology PIC16F527 Datasheet HTML 98Page - Microchip Technology PIC16F527 Datasheet HTML 99Page - Microchip Technology PIC16F527 Datasheet HTML 100Page - Microchip Technology PIC16F527 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 97
PIC16F527
15.4
Operational Amplifiers
TABLE 15-13: OPERATIONAL AMPLIFIER (OPA) MODULE DC SPECIFICATIONS
OPA DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
VDD = 5.0V
Operating temperature: 25°C
Param.
No.
Sym.
Characteristics
Min.
Typ.
Max.
Units
Comments
OPA01
VOS
Input Offset Voltage
—
5
13
mV
OPA02*
OPA03*
IB
IOS
Input current and impedance
Input bias current
Input offset bias current
—
—
2*
1*
—
—
nA
pA
OPA04*
OPA05*
VCM
CMR
Common Mode
Common mode input range
Common mode rejection
VSS
55
—
65
VDD – 1.4
—
V
dB
OPA06A* AOL
Open Loop Gain
DC Open loop gain
—
70
—
dB
Standard load
OPA07*
OPA08*
VOUT
ISC
Output
Output voltage swing
Output short circuit current
VSS + 50
—
—
25
VDD – 50
28
mV
mA
To VDD/2 (10 k
connected to VDD,
10 k
 + 20 pF to Vss)
OPA10*
PSR
Power Supply
Power supply rejection
—
70
—
dB
* These parameters are characterized but not tested.
TABLE 15-14: AC CHARACTERISTICS: OPERATIONAL AMPLIFIER (OPA)
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature: 25°C
VDD = 5.0V
Param.
No.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
OPA12* Gain Bandwidth Product
GBWP
—
3
—
MHz
VDD = 5V
OPA13* Turn on Time
TON
——
10
µs
VDD = 5V
OPA14* Phase Margin
M
—
55
—
degrees VDD = 5V
OPA15* Slew Rate
SR
2
—
—
V/µs
VDD = 5V
* These parameters are characterized but not tested.
Note 1: Data in “Typ” column is at 5V, 25
C unless otherwise stated. These parameters are for design guidance only
and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com