Electronic Components Datasheet Search
  English  ▼

X  

PIC16F570 Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC16F570
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 107Page - Microchip Technology PIC16F570 Datasheet HTML 108Page - Microchip Technology PIC16F570 Datasheet HTML 109Page - Microchip Technology PIC16F570 Datasheet HTML 110Page - Microchip Technology PIC16F570 Datasheet HTML 111Page - Microchip Technology PIC16F570 Datasheet HTML 112Page - Microchip Technology PIC16F570 Datasheet HTML 113Page - Microchip Technology PIC16F570 Datasheet HTML 114Page - Microchip Technology PIC16F570 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 111
PIC16F527
FIGURE 16-21:
TTL INPUT THRESHOLD VIN vs. VDD
FIGURE 16-22:
SCHMITT TRIGGER INPUT THRESHOLD VIN vs. VDD
Max.
Typical
Min.
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VDD (V)
Max: Mean + 3 (-40°C)
Typical: Mean (25°C)
Min: Mean - 3 (125°C)
VIL Max. (-40°C)
VIL Min. (125°C)
VIH Min. (-40°C)
VIH Max. (125°C)
0.5
1
1.5
2
2.5
3
3.5
4
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VDD (V)
Max: Mean + 3
(at Temp.)
Min: Mean - 3
(at Temp.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com