Electronic Components Datasheet Search
  English  ▼

X  

TLC59482RGET Datasheet(PDF) 29 Page - Texas Instruments

Part # TLC59482RGET
Description  16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC59482RGET Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLC59482RGET Datasheet HTML 25Page - Texas Instruments TLC59482RGET Datasheet HTML 26Page - Texas Instruments TLC59482RGET Datasheet HTML 27Page - Texas Instruments TLC59482RGET Datasheet HTML 28Page - Texas Instruments TLC59482RGET Datasheet HTML 29Page - Texas Instruments TLC59482RGET Datasheet HTML 30Page - Texas Instruments TLC59482RGET Datasheet HTML 31Page - Texas Instruments TLC59482RGET Datasheet HTML 32Page - Texas Instruments TLC59482RGET Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
The all data in 16-bit common shift
register are copied to GS1 first data
latch at 1’st “WRTGS” command
GS15
14A
GS0
0
GS0
0A
OUT14
GS13
15A
GS0
3A
GS1
1A
GS15
15A
Dotted line LAT timing is also accepted.
GS14
15A
GS15
0A
GS0
14
SIN
LAT
GS15
15A
GS15
1A
SCLK
GS0
15
GS0
1
GS Data Latch
Address Counter
(Internal)
SOUT
GS Second
Data Latch
(Internal)
GS Third
Data Latch
(Internal)
257
269
270
271
272
253
254
255
256
GS15
1A
GS15
0A
OUT15 GS First
Data Latch
(Internal)
OUT15
Old 256-bitGS Data
New 256-Bit
GS Data
All data in the
GS data latch are copied
first
to both the second and
third
data latches
GS
when the auto data refresh mode is disabled.
.
The all data in GS first data latch
are copied to GS second data latch.
GS0
0
GS14
0A
GS14
1A
GS0
0A
GS0
1A
GS14
15A
GS1
0A
GS1
14A
GS0
2A
GS1
14A
1
15
16
17
31
32
GS0
15A
GS0
1A
OUT13
OUT15
OUT15 GS First
Data Latch
(Internal)
New 16-Bit GS Data
OUT0 GS First
Data Latch
(Internal)
Old
GS Data
16-Bit
Old 16-bit GS Data
New 16-Bit GS Data
New
GS Data
16-Bit
Old
GS Data
16-Bit
The counter is set to OUT15 when
the
command is input.
LATGS
The counter is decreased when
the WRTGS command is input.
All data in the16-bit common shift
register are copied to the
GS0 data
first
latch at the 16th WRTGS command.
All data in the 16-bit common shift
register are copied to the
GS1 data
first
latch at the 2nd WRTGS command.
OUT15
OUT14
OUT0
OUT15
LATMODE Bit
in FC Data Latch
(Internal)
1
16-Bit Common
Shift Register
(Internal)
1st WRTGS
Command
2nd WRTGS
Command
16th WRTGS
Command
LATGS
Command
GS0
2A
GS0
3A
1
(1)
1
1
1
1
Old 256-Bit GS Data
TLC59482
www.ti.com
SBVS218 – DECEMBER 2012
Figure 28. 256-Bit GS Data Write Sequence Timing Diagram
(16 × WRTGS + 1 LATGS, LATMODE = 1)
NOISE REDUCTION
Large surge currents may flow through the device and the board on which the device is mounted if all 16 outputs
turn on or off simultaneously. These large current surges can introduce detrimental noise and electromagnetic
interference (EMI) into other circuits.
The TLC59482 turns the outputs on with a series delay for each group independently to provide a soft-start
feature. The output current sinks are grouped into four groups. The first output group that is turned on/off are
OUT0, OUT7, OUT8, and OUT15; the second output group is OUT1, OUT6, OUT9, and OUT14; the third output
group is OUT2, OUT5, OUT10, and OUT13; and the fourth output group is OUT3, OUT4, OUT11, and OUT12.
Each output group is turned on and off sequentially with a 5-ns (typical) delay between the groups. However,
each output on/off is controlled by the GS clock.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TLC59482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com