Electronic Components Datasheet Search
  English  ▼

X  

XC9303 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9303
Description  High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9303 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9303 Datasheet HTML 9Page - Torex Semiconductor XC9303 Datasheet HTML 10Page - Torex Semiconductor XC9303 Datasheet HTML 11Page - Torex Semiconductor XC9303 Datasheet HTML 12Page - Torex Semiconductor XC9303 Datasheet HTML 13Page - Torex Semiconductor XC9303 Datasheet HTML 14Page - Torex Semiconductor XC9303 Datasheet HTML 15Page - Torex Semiconductor XC9303 Datasheet HTML 16Page - Torex Semiconductor XC9303 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
XC9303
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(16) Output Voltage vs. Ambient Temperature 1
(17) Output Voltage vs. Ambient Temperature 2
(18) PFM Duty Ratio vs. Supply Voltage
XC9303B093 (300kHz)
3.0
3.1
3.2
3.3
3.4
3.5
-50
-20
10
40
70
100
Ambient Temperature: Ta (0C)
L=22uH (CDRH127/LD), CL=94uF (T antalum )
T r1:CPH6315, T r2:CPH3409,T r3:CPH3409
VIN=5.0V
IOUT=200mA
XC9303B093 (300kHz)
0.6
0.7
0.8
0.9
1.0
1.1
-50
-20
10
40
70
100
Ambient Temperaure: Ta (0C)
VIN=3.3V
IOUT=200mA
L=22uH (CDRH127/LD), CL=94uF (T antalum )
T r1:CPH6315, T r2:CPH3409,T r3:CPH3409
XC9303B093 (300kHz)
20
25
30
35
40
02
4
6
8
10
Supply Voltage: VDD (V)
Topr=85o C
25o C
-40o C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com