Electronic Components Datasheet Search
  English  ▼

X  

XC9303 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9303
Description  High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9303 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9303 Datasheet HTML 1Page - Torex Semiconductor XC9303 Datasheet HTML 2Page - Torex Semiconductor XC9303 Datasheet HTML 3Page - Torex Semiconductor XC9303 Datasheet HTML 4Page - Torex Semiconductor XC9303 Datasheet HTML 5Page - Torex Semiconductor XC9303 Datasheet HTML 6Page - Torex Semiconductor XC9303 Datasheet HTML 7Page - Torex Semiconductor XC9303 Datasheet HTML 8Page - Torex Semiconductor XC9303 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4/20
XC9303 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Supply Voltage
VDD
2.0
-
10.0
V
①
Maximum Input Voltage
VIN
10.0
-
-
V
①
Output Voltage Range (*1)
VOUTSET
VIN≧2.0V, IOUT=1mA
VOUT
2.0
-
6.0
V
①
Supply Current 1
IDD1
FB = 0V
-
90
170
μ
A
②
Supply Current 2
IDD2
FB = 1.0V
-
55
110
μ
A
②
Stand-by Current
ISTB
Same as IDD1, CE = 0V
-
-
3.0
μ
A
②
Oscillation Frequency
FOSC
Same as IDD1
255
300
345
kHz
②
FB Voltage
VFB
VIN=3.0V, IOUT=10mA
0.882
0.900
0.918
V
③
Minimum Operation Voltage
VINmin
-
-
2.0
V
①
Maximum Duty Ratio
MAXDTY
Same as IDD1
72
78
88
%
②
Minimum Duty Ratio
MINDTY
Same as IDD2
-
-
0
%
②
PFM Duty Ratio
PFMDTY
No Load, VPWM=0V
22
30
38
%
④
Efficiency (*2)
EFFI
IOUT1=100mA (*3)
-
84
-
%
④
Soft-Start Time
TSS
VOUT×0.95V, CE=0V→0.65V
5.0
10.0
20.0
ms
④
EXT1 "High" ON Resistance
REXTBH1
CE = 0, EXT1= VDD - 0.4V
-
26
37
Ω
⑤
EXT1 "Low" ON Resistance
REXTBL1
FB = 0V, EXT1 = 0.4V
-
19
30
Ω
⑤
EXT2 "High" ON Resistance
REXTBH2
EXT2 = VDD - 0.4V
-
23
31
Ω
⑤
EXT2 "Low" ON Resistance
REXTBL2
CE = 0V, EXT2 = VDD - 0.4V
-
19
30
Ω
⑤
PWM "High" Voltage
VPWMH
No Load
0.65
-
-
V
④
PWM "Low" Voltage
VPWML
No Load
-
-
0.20
V
④
CE "High" Voltage
VCEH
FB = 0V
0.65
-
-
V
②
CE "Low" Voltage
VCEL
FB = 0V
-
-
0.2
V
②
CE "High" Current
ICEH
-
-
0.5
μ
A
②
CE "Low" Current
ICEL
CE = 0V
-
-
- 0.5
μ
A
②
PWM "High" Current
IPWMH
-
-
0.5
μ
A
②
PWM "Low" Current
IPWML
PWM=0V
-
-
- 0.5
μ
A
②
FB "High" Current
IFBH
-
-
0.50
μ
A
②
FB "Low" Current
IFBL
FB = 1.0V
-
-
- 0.50
μ
A
②
■
ELECTRICAL CHARACTERISTICS
(FOSC = 300kHz)
Ta=25℃
XC9303B093
NOTE *1: Please be careful not to exceed the breakdown voltage level of the external components.
*2: EFFI={ [ (output voltage) x (output current) ] / [ (input voltage) x (input current) ] } x 100
*3: Tr1:
CPH6315
(SANYO)
Tr2:
CPH3409
(SANYO)
Tr3:
CPH3409
(SANYO)
SD:
CMS02
(TOSHIBA)
L:
22μH
(CDRH127/LD, SUMIDA)
CL:
16V, 47μF x 2
(Tantalum MCE Series, NICHICEMI)
CIN:
16V, 47μF
(Tantalum MCE Series, NICHICEMI)
RFB1:
200kΩ
RFB2:
75kΩ
CFB:
62pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com