Electronic Components Datasheet Search
  English  ▼

X  

XC9303 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9303
Description  High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9303 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9303 Datasheet HTML 1Page - Torex Semiconductor XC9303 Datasheet HTML 2Page - Torex Semiconductor XC9303 Datasheet HTML 3Page - Torex Semiconductor XC9303 Datasheet HTML 4Page - Torex Semiconductor XC9303 Datasheet HTML 5Page - Torex Semiconductor XC9303 Datasheet HTML 6Page - Torex Semiconductor XC9303 Datasheet HTML 7Page - Torex Semiconductor XC9303 Datasheet HTML 8Page - Torex Semiconductor XC9303 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2/20
XC9303 Series
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Ordering Information
1 EXT1
2 VDD
3 PWM
FB 6
GND 7
EXT2 8
4 CE
NC 5
MSOP-8A
(TOP VIEW)
PIN NUMBER
PIN NAME
FUNCTIONS
1
EXT 1 /
External Transistor Drive Pin <Connected to High Side of P-ch Power MOSFET Gate>
2
VDD
Supply Voltage
3
PWM
PWM/PFM Switching Pin <PWM control when connected to VDD, PWM / PFM auto
switching when connected to Ground. >
4
CE
Chip Enable Pin <Connected to Ground when output is stand-by mode. Connected to
VDD when output is active. EXT/1 is high and EXT2/ is low when in stand-by mode. >
5
NC
No Connection
6
FB
Output Voltage Monitor Feedback Pin <Threshold value: 0.9V. Output voltage can be set
freely by connecting split resistors between VOUT and Ground. >
7
GND
Ground
8
EXT2
External Transistor Drive Pin <Connected to Low side of N-ch Power MOSFET Gate>
XC9303 ①②③④⑤⑥
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①
Type of DC/DC Controller
B
: Standard type
② ③
Output Voltage
09
: FB Voltage: 0.9V
④
Oscillation Frequency
3
: 300kHz
⑤
Package
K
: MSOP-8A
R
: Embossed tape, standard feed
⑥
Devise Orientation
L
: Embossed tape, reverse feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com