Electronic Components Datasheet Search
  English  ▼

X  

SLWS140 Datasheet(PDF) 36 Page - Texas Instruments

Part # SLWS140
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS140 Datasheet(HTML) 36 Page - Texas Instruments

Back Button SLWS140 Datasheet HTML 32Page - Texas Instruments SLWS140 Datasheet HTML 33Page - Texas Instruments SLWS140 Datasheet HTML 34Page - Texas Instruments SLWS140 Datasheet HTML 35Page - Texas Instruments SLWS140 Datasheet HTML 36Page - Texas Instruments SLWS140 Datasheet HTML 37Page - Texas Instruments SLWS140 Datasheet HTML 38Page - Texas Instruments SLWS140 Datasheet HTML 39Page - Texas Instruments SLWS140 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
4–8
4.9
Control Register 6
D7
D6
D5
D4
D3
D2
D1
D0
PSDO
MUTE2
MUTE3
ODRCT
AINSEL
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
NOTE: R = Read, W = Write
Table 4–11. Control Register 6 Bit Summary
BIT
NAME
RESET
VALUE
FUNCTION
D7–D5
Reserved
D4–D3
Reserved
D2–D1
AINSEL
00
Analog input select. These bits select the analog input for the ADC
AINSEL = 00 The analog input is INP/M1
AINSEL = 01 The analog input is MICIN self-biased at 1.35 V
AINSEL =10 The analog input is MICIN with external common mode
AINSEL = 11 The analog input is INP/M2
NOTE: For AINSEL = 10, the external common mode is connected to INM1 via an ac-coupled capacitor.
D0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com