Electronic Components Datasheet Search
  English  ▼

X  

SLWS140 Datasheet(PDF) 43 Page - Texas Instruments

Part # SLWS140
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS140 Datasheet(HTML) 43 Page - Texas Instruments

Back Button SLWS140 Datasheet HTML 39Page - Texas Instruments SLWS140 Datasheet HTML 40Page - Texas Instruments SLWS140 Datasheet HTML 41Page - Texas Instruments SLWS140 Datasheet HTML 42Page - Texas Instruments SLWS140 Datasheet HTML 43Page - Texas Instruments SLWS140 Datasheet HTML 44Page - Texas Instruments SLWS140 Datasheet HTML 45Page - Texas Instruments SLWS140 Datasheet HTML 46Page - Texas Instruments SLWS140 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
5–7
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
2500
3000
3500
4000
f – Frequency – Hz
AMPLITUDE
vs
FREQUENCY
ADC = 8 KSPS
Figure 5–3. FFT—ADC Channel (–3 dB Input)
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
2000
4000
6000
8000
AMPLITUDE
vs
FREQUENCY
f – Frequency – Hz
ADC = 16 KSPS
Figure 5–4. FFT—ADC Channel (–1 dB Input)
–160
–120
–80
–40
0
0
2000
4000
6000
8000
AMPLITUDE
vs
FREQUENCY
f – Frequency – Hz
ADC = 16 KSPS
Figure 5–5. FFT—ADC Channel (–3 dB Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com